Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP1533AA-GD14V-W152 Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. WP1533AA-GD14V-W152
Description  4.7mm HOUSING FOR LED LAMP WITH WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1533AA-GD14V-W152 Datasheet(HTML) 3 Page - Kingbright Corporation

  WP1533AA-GD14V-W152 Datasheet HTML 1Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 2Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 3Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAH0596
REV NO: V.2
DATE: MAY/08/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102009290
Green
WP1533AA/GD14V-W152


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BR8.24HOUSING FOR LED LAMP 1 Kingbright Corporation
RTC-51HOUSING FOR LED LAMP 1 Kingbright Corporation
BR8.7SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR9.52SPACER FOR LED LAMP 1 Kingbright Corporation
BR9.85SPACER FOR LED LAMP 1 Kingbright Corporation
BR10.7SPACER FOR LED LAMP 1 Kingbright Corporation
AAT3143High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies
BR4.83SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR5.08SPACER FOR LED LAMP 1 Kingbright Corporation
BR12.7SPACER FOR LED LAMP 1 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn