Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP1503CB-SRD Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP1503CB-SRD
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1503CB-SRD Datasheet(HTML) 4 Page - Kingbright Corporation

  WP1503CB-SRD Datasheet HTML 1Page - Kingbright Corporation WP1503CB-SRD Datasheet HTML 2Page - Kingbright Corporation WP1503CB-SRD Datasheet HTML 3Page - Kingbright Corporation WP1503CB-SRD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAF2063
REV NO: V.2
DATE: MAY/22/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102000624
PACKING & LABEL SPECIFICATIONS
WP1503CB/SRD


Similar Part No. - WP1503CB-SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503CB-GD KINGBRIGHT-WP1503CB-GD Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-ID KINGBRIGHT-WP1503CB-ID Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-YD KINGBRIGHT-WP1503CB-YD Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP1503CB-SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503CB-YD KINGBRIGHT-WP1503CB-YD Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-ID KINGBRIGHT-WP1503CB-ID Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-GD KINGBRIGHT-WP1503CB-GD Datasheet
247Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
logo
LUMEX INC.
SSF-LXH100YD LUMEX-SSF-LXH100YD Datasheet
79Kb / 1P
   T-5mm (T-1 3/4) LED, RIGHT ANGLE FAULT INDICATOR
SSF-LXH100GD LUMEX-SSF-LXH100GD Datasheet
77Kb / 1P
   T-5mm (T-1 3/4) LED, RIGHT ANGLE FAULT INDICATOR
logo
Kingbright Corporation
WP1504CB-RWC-Z KINGBRIGHT-WP1504CB-RWC-Z Datasheet
244Kb / 7P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
WP1504CB-RWC-A KINGBRIGHT-WP1504CB-RWC-A Datasheet
250Kb / 7P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR White
WP150A9VS-EYW KINGBRIGHT-WP150A9VS-EYW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-GYW KINGBRIGHT-WP59BL-GYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com