Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN005-55P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN005-55P
Description  N-channel logic level TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN005-55P Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN005-55P Datasheet HTML 1Page - NXP Semiconductors PSMN005-55P Datasheet HTML 2Page - NXP Semiconductors PSMN005-55P Datasheet HTML 3Page - NXP Semiconductors PSMN005-55P Datasheet HTML 4Page - NXP Semiconductors PSMN005-55P Datasheet HTML 5Page - NXP Semiconductors PSMN005-55P Datasheet HTML 6Page - NXP Semiconductors PSMN005-55P Datasheet HTML 7Page - NXP Semiconductors PSMN005-55P Datasheet HTML 8Page - NXP Semiconductors PSMN005-55P Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
N-channel logic level TrenchMOS
™ transistor
PSMN005-55B, PSMN005-55P
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
-
-
75
A
(body diode)
I
SM
Pulsed source current (body
-
-
240
A
diode)
V
SD
Diode forward voltage
I
F = 25 A; VGS = 0 V
-
0.85
1.2
V
I
F = 75 A; VGS = 0 V
-
1.1
-
V
t
rr
Reverse recovery time
I
F = 20 A; -dIF/dt = 100 A/µs;
-
80
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 30 V
-
0.2
-
µC
October 1999
3
Rev 1.200


Similar Part No. - PSMN005-55P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN005-55P PHILIPS-PSMN005-55P Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-55P PHILIPS-PSMN005-55P Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Nexperia B.V. All right...
PSMN005-55P NEXPERIA-PSMN005-55P Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results

Similar Description - PSMN005-55P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
101Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com