Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP1043SGD Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. WP1043SGD
Description  3.65x6.15mm SINGLE CHIP LED LIGHT BAR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP1043SGD Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2701
REV NO: V.2
DATE: MAY/22/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101000440
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
Part Number: WP1043SGD
Super Bright Green
Features
FLAT RECTANGULAR LIGHT EMITTING SURFACE.
SINGLE COLOR.
IDEAL AS FLUSH MOUNTED PANEL INDICATORS.
EXCELLENT ON/OFF CONTRAST.
LONG LIFE - SOLID STATE RELIABILITY.
THIS SERIES ARE TIN-DIPPED.
RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WP1043GD3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP1043ID3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
CC2500_06Single Chip Low Cost Low Power RF Transceiver 1 2 3 4 5 MoreTexas Instruments
APT1608SURCK1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528PWC3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTC2012CGCK2.0x1.25mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTD3216MGC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528EC3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APED3528SURC-F013.5 x2.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn