Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WP1043GD Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. WP1043GD
Description  3.65x6.15mm SINGLE CHIP LED LIGHT BAR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP1043GD Datasheet(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAF2699
REV NO: V.4
DATE: MAY/22/2007
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101000419
PACKING & LABEL SPECIFICATIONS
WP1043GD


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTR3216SYC3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SURC3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APA3010CGCK3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTC2012MBC2.0x1.25mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTD3216QBC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528MBC3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APED3528SYC3.5 x2.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APED3820SYC3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn