Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN004-25P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN004-25P
Description  N-channel logic level TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN004-25P Datasheet(HTML) 7 Page - NXP Semiconductors

  PSMN004-25P Datasheet HTML 1Page - NXP Semiconductors PSMN004-25P Datasheet HTML 2Page - NXP Semiconductors PSMN004-25P Datasheet HTML 3Page - NXP Semiconductors PSMN004-25P Datasheet HTML 4Page - NXP Semiconductors PSMN004-25P Datasheet HTML 5Page - NXP Semiconductors PSMN004-25P Datasheet HTML 6Page - NXP Semiconductors PSMN004-25P Datasheet HTML 7Page - NXP Semiconductors PSMN004-25P Datasheet HTML 8Page - NXP Semiconductors PSMN004-25P Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
N-channel logic level TrenchMOS
™ transistor
PSMN004-25B, PSMN004-25P
MECHANICAL DATA
Fig.16. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g)
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to mounting instructions for SOT78 (TO220AB) package.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT78
TO-220
D
D1
q
P
L
12
3
L2
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L1
UNIT
A1
b1
D1
e
P
mm
2.54
qQ
A
b
D
c
L2
(1)
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
97-06-11
October 1999
7
Rev 1.100


Similar Part No. - PSMN004-25P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN004-25P PHILIPS-PSMN004-25P Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
More results

Similar Description - PSMN004-25P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com