Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72KLH-75 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72KLH-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72KLH-75 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH32D72KLH-75 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32D72KLH-75 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72KLH-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0391-1.0
24.Nov.2000
Preliminary Spec.
Some contents are subject to change without notice.
5
BASIC FUNCTIONS
The MH32D72KLH provides basic functions, bank (row) activate, burst read / write, bank (row)
precharge, and auto / self refresh. Each command is defined by control signals of /RAS, /CAS
and /WE at CLK rising edge. In addition to 3 signals, /S0 ,CKE0 and A10 are used as chip
select, refresh option, and precharge option, respectively. To know the detailed definition of
commands, please see the command truth table.
/S0
Chip Select : L=select, H=deselect
/RAS
Command
/CAS
Command
/WE
Command
CKE0
Ref resh Option @ref resh command
A10
Precharge Option @precharge or read/write command
CK0
def ine basic commands
Activate (ACT) [/RAS =L, /CAS =/WE =H]
ACT command activates a row in an idle bank indicated by BA.
Read (READ) [/RAS =H, /CAS =L, /WE =H]
READ command starts burst read from the active bank indicated by BA. First output data
appears after /CAS latency. When A10 =H at this command, the bank is deactivated after the
burst read (auto-precharge,READA)
Write (WRITE) [/RAS =H, /CAS =/WE =L]
WRITE command starts burst write to the active bank indicated by BA. Total data length to be
written is set by burst length. When A10 =H at this command, the bank is deactivated after
the burst write (auto-precharge, WRITEA).
Precharge (PRE) [/RAS =L, /CAS =H, /WE =L]
PRE command deactivates the active bank indicated by BA. This command also terminates
burst read /write operation. When A10 =H at this command, all banks are deactivated
(precharge all, PREA).
Auto-Refresh (REFA) [/RAS =/CAS =L, /WE =CKE0 =H]
REFA command starts auto-refresh cycle. Refresh address including bank address are
generated internally. After this command, the banks are precharged automatically.
/CK0


Similar Part No. - MH32D72KLH-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-75 MITSUBISHI-MH32D72AKLA-75 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-10 MITSUBISHI-MH32D72AKLB-10 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72KLH-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz