Electronic Components Datasheet Search |
|
SNPO1R5G010B0 Datasheet(PDF) 4 Page - Sharma Electro Components,Inc |
|
SNPO1R5G010B0 Datasheet(HTML) 4 Page - Sharma Electro Components,Inc |
4 / 12 page SNPO Series APPLICATION: FEATURES: GENERAL SPECIFICATIONS: The SNPO series has a high Q, low K • Very low temperature coefficient Operating temperature: -55 to +125 °C temperature compensating type of capaci- Temperature coefficient: ±30ppm per °C tance dielectric with stable electrical • Stable electrical characteristics Capacitance tolerance: ±5%, <10pF ±.25pF properties under varying voltage, temper- or ±.5pF standard, ±10% optional ature, frequency and time conditions. The • High capacitance and miniature size Capacitance range: .47pF to .1uF series is suitable for circuits requiring low Voltage range: 6.3V to 4KV DC loss, circuits with pulse, timing circuits • Low and high voltage options Dielectric withstanding voltage: 2 times and for tuning applications. the working VDC for 5 seconds Typically used in R/F, microwave, and • Available in bulk and tape & reel Case code range: 0402 to 3035 other communications equipment. Fre- packaging quently designed in precision industrial Note: See Reliability and Test Conditions controls, process control and test& mea- • Consistent dimensions and surface finish page for more specifications surement instrumentation. Because of it's wide range of temperature stability, often • Nickel barrier terminations used in automotive and quality audio applications. COG(NPO) DIELECTRIC CAPACITANCE RANGE Tolerance: (J), <5pF:±.25pF(C), ≥5pF<10pF:±.5pF(D) standards. Optional:(K) Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 6.3V 18-820pF 10V 12-680pF 16V .62-470pF 2-680pF 25V .47-560pF .47-1000pF .47-3300pF .47-4700pF 560pF-.01uF 1000pF-.015uF 1000pF-.047uF 1000pF-.1uF 50V .47-330pF .47-1000pF .47-2200pF .47-4700pF 10pF-.015uF 10-3300pF 10pF-.022uF 1000pf-.022uF 1000pF-.047uF 100V .47-1000pF .47-2200pF .47-3300pF 10-6800pF 10-4700pF 10pF-.01uF 10pF-.01uF 470pF-.022uF 1000pF-.033uF 200V .47-1000pF .47-1500pF .47-2200pF 10-3300pF 10-4700pF 10-5600pF 10pF-.012uF 470pF-01uF 250V .47-820pF .47-2200pF 10-3300pF 10-4700pF 10-5600pF 10pF-.012uF 470pF-01uF 500V .47-560pF .47-2700pF 10-2700pF 10-4700pF 10-4700pF 10-6800pF 470-6800pF .01-.022uF 1KV .47-680pF 10-1000pF 10-4700pF 10-2200pF 10-2700pF 470-2700pF 2KV .47-470pF 10-470pF 10-2200pF 10-1000pF 10-1000pF 470-1000pF 3KV 10-1000pF 10-1000pF 10-680pF 470-1000pF 4KV 10-470pF 10-330pF 10-560pF 470-1000pF Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval. Voltage/Case Code Options COG / NPO is a dielectric with stable electrical properties under varying voltage, temperature, frequency and time. This dielectric has the least value of temperature coefficient. The temperature coefficient characteristics is illustrated in Figure 1.1 Figure 1.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figures 1.3 and 1.4 respectively. COG (NPO) Characteristic Graphs FIGURE 1.1 FIGURE 1.2 FIGURE 1.3 FIGURE 1.4 Sharma Ceramic Capacitors Page 4 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Similar Part No. - SNPO1R5G010B0 |
|
Similar Description - SNPO1R5G010B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |