Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8567SAS477-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8567SAS477-CC
Description  EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8567SAS477-CC Datasheet(HTML) 3 Page - California Eastern Labs

  NX8567SAS477-CC Datasheet HTML 1Page - California Eastern Labs NX8567SAS477-CC Datasheet HTML 2Page - California Eastern Labs NX8567SAS477-CC Datasheet HTML 3Page - California Eastern Labs NX8567SAS477-CC Datasheet HTML 4Page - California Eastern Labs NX8567SAS477-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
ABSOLUTE MAXIMUM RATINGS1
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power from Fiber
mW
10
IFLD
Forward Current of LD
mA
150
VRLD
Reverse Voltage of LD
V
2.0
VFm
Forward Voltage of Modulator
V
1
VRm
Reverse Voltage of Modulator
V
5
IFPD
Forward Current of PD
mA
1
VRPD
Reverse Voltage of PD
V
10
IC
Cooler Current
A
1.5
VC
Cooler Voltage
V
2.5
TC
Operating Case Temperature
°C
-5 to +70
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering Temp. (3 s)
°C
350
NX8567SA SERIES
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC, T
C = -5 to +70°C)
PART NUMBER
NX8567SA SERIES
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
R
Thermistor Resistance, TLD = 25°C
kΩ
9.5
10.0
10.5
BB Constant
K
3350
3450
3550
IC
Cooler Current, TLD = Tset
A
1.2
VC
Cooler Voltage, TLD = Tset
V
2.4


Similar Part No. - NX8567SAS477-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8567SAS477-CC RENESAS-NX8567SAS477-CC Datasheet
267Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8567SAS477-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com