Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLB-75 Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLB-75 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
24
READ with Auto-Precharge (BL=8, CL=2(Discrete))
Command
A0-9,11
A10
BA0,1
DQ
ACT
Xa
Xa
00
READ
Y
1
00
ACT
Xb
Xb
00
Internal precharge start
(BL/2+1 in case of Module)
tRCD
tRP
BL/2 + tRP
BL/2
DQS
/CLK
CLK
Qa0 Qa1 Qa2 Qa3
Qa4 Qa5 Qa6 Qa7
READ Auto-Precharge Timing (BL=8)
Command
ACT
READ
DQ
CL=2.5
BL/2
DQ
CL=2
Qa0
/CLK
CLK
Qa0 Qa1 Qa2
Qa3 Qa4 Qa5 Qa6 Qa7
Qa1 Qa2 Qa3 Qa4
Qa5 Qa6 Qa7
Module input and output timing.
Module input and output timing.
Discrete
Internal Precharge Start Timing
(In case of module, Precharge start at BL/2+1)
CL=3.5
CL=3
Module


Similar Part No. - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-75 MITSUBISHI-MH32D72AKLA-75 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz