Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH32D72AKLB-75 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
19
18
17
15.6
15.6
1
1
1
1
200
200
80
75
1
1
15
15
15
15
20
20
20
20
80
75
70
65
120,000
50
120,000
45
us
tCK
tCK
tCK
ns
tCK
ns
ns
ns
ns
ns
Average Periodic Refresh interval
tREFI
Exit Power down to -Read command
tXPRD
Exit Power down to command
tXPNR
tXSRD
Exit Self Ref. to -Read command
tXSNR
Exit Self Ref. to non-Read command
tWTR
Internal Write to Read Command Delay
ns
35
35
Auto Precharge write recovery + precharge time
tDAL
-10
-75
AC Characteristics
Max.
Min.
Max.
Min.
Parameter
tWR
Write Recovery time
tRRD
Act to Act Delay time
Row Precharge time
Row to Column Delay
tRP
tRCD
tRFC
Auto Ref. to Active/Auto Ref. command period
ns
Row Cycle time(operation)
tRC
Row Active time
ns
tRAS
Notes
Unit
Symbol
Output Load Condition
(f or component measurement)
DQ
Output Timing
Measurement
Reference
Point
VREF
VREF
DQS
VOUT
VREF
30pF
50ohm
VTT =V REF
Zo=50 ohm
10cm
AC TIMING REQUIREMENTS(Continues)
(Ta=0 ~ 70°C
, Vdd = VddQ = 2.5 ± 0.2V, Vss = VssQ = 0V, unless otherwise noted)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn