Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLB-75 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLB-75 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
17
AVERAGE SUPPLY CURRENT from Vdd
(Ta=0 ~ 70°C
, Vdd = VddQ = 2.5 ± 0.2V, Vss = VssQ = 0V, Output Open, unless otherwise noted)
AC OPERATING CONDITIONS AND CHARACTERISTICS
(Ta=0 ~ 70°C
, Vdd = VddQ = 2.5 ± 0.2V, Vss = VssQ = 0V, unless otherwise noted)
1120
454
454
3640
3820
2335
2470
2380
2515
1480
1570
1120
1120
1120
760
760
1930
2020
1885
1975
-10
-75
ACTIVE POWER-DOWN STANDBY CURRENT: One bank activ e;
power-down mode; CKE
VIL (MAX); t CK = t CK MIN
mA
mA
mA
SELF REFRESH CURRENT: CKE
0.2V
AUTO REFRESH CURRENT: t RC = t RFC (MIN)
OPERATING CURRENT: Burst = 2; Writes; Continuous burst; One
bank activ e; Address and control inputs changing once per clock
cyc le; CL = 2.5; t CK = t CK MIN; DQ, DM and DQS inputs changing
twice per clock cyc le
OPERATING CURRENT: Burst = 2; Reads; Continuous burst;One
bank activ e; Address and control inputs changing once per clock
cyc le; CL = 2.5; t CK = t CK MIN; IOUT = 0 mA
ACTIVE STANDBY CURRENT: /CS > VIH (MIN); CKE > VIH (MIN);
One bank; Activ e-Precharge; t RC = t RAS MAX; t CK = t CK MIN;
DQ,DM and DQS inputs changing twice per clock cyc le; address and
other control inputs changing once per clock cyc le
IDLE STANDBY CURRENT: /CS > VIH (MIN); All banks idle;
CKE > VIH (MIN); t CK = t CK MIN; Address and other control inputs
changing once per clock cyc le
IDD2P
PRECHARGE POWER-DOWN STANDBY CURRENT: All banks idle;
power-down mode; CKE
VIL (MAX); t CK = t CK MIN
mA
OPERATING CURRENT: One Bank; Activ e-Read-Precharge;
Burst = 2; t RC = t RC MIN; CL = 2.5; t CK = t CK MIN; IOUT= 0
mA;Address and control inputs changing once per clock cyc le
OPERATING CURRENT: One Bank; Activ e-Precharge;
t RC = t RC MIN; t CK = t CK MIN; DQ, DM and DQS inputs changing
twice per clock cyc le; address and control inputs changing once per
clock cyc le
Parameter/Test Conditions
IDD4R
IDD3N
mA
mA
mA
mA
mA
mA
IDD6
IDD5
IDD4W
IDD3P
IDD2N
IDD1
IDD0
Notes
Unit
Limits(max)
Sym bol
Symbol
Parameter/Test Conditions
Limits
Min.
Max.
Unit
VIH(AC)
VIL(AC)
VID(AC)
VIX(AC)
High-Level Input Voltage (AC)
Low-Level Input Voltage (AC)
Input Differential Voltage, CLK and /CLK
Input Crossing Point Voltage, CLK and /CLK
Vref + 0.35
Vref - 0.35
V
V
V
V
0.7
0.5*VDDQ-0.2
VDDQ + 0.6
IOZ
Ii
Off-state Output Current /Q floating Vo=0~VDDQ
Input Current / VIN=0 ~ VddQ
µA
µA
-5
-10
5
10
0.5*VDDQ+0.2
Notes
7
8
9


Similar Part No. - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-75 MITSUBISHI-MH32D72AKLA-75 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz