Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLB-75 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLB-75 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
16
ABSOLUTE M AXIMUM RATINGS
DC OPERATING CONDITIONS
(Ta=0 ~ 70°C
, unless otherwise noted)
CAPACITANCE
(Ta=0 ~ 70°C
, Vdd = VddQ = 2.5 ± 0.2V, Vss = Vss Q = 0V, unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
Vdd
Supply Voltage
with respect to Vss
-0.5 ~ 3.7
V
VddQ
Supply Voltage for Output
with respect to VssQ
-0.5 ~ 3.7
V
VI
Input Voltage
with respect to Vss
-0.5 ~ Vdd+0.5
V
VO
Output Voltage
with respect to VssQ
-0.5 ~ VddQ+0.5
V
IO
Output Current
50
mA
Pd
Power Dissipation
Ta = 25°C
W
Topr
Operating Temperature
0 ~ 70
Tstg
Storage Temperature
-40 ~ 100
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
Vdd/VddQ
Supply Voltage
2.3
2.5
2.7
V
VIH(DC)
High-Level Input Voltage
Vref + 0.18
VddQ+0.3
V
VIL(DC)
Low-Level Input Voltage
-0.3
Vref - 0.18
V
Vref
Input Reference Voltage
1.15
1.35
V
1.25
VIN(DC)
Input Voltage Level, CK0 and /CK0
-0.3
VddQ + 0.3
V
VID(DC) Input Differential Voltage, CK0 and /CK0
0.36
VddQ + 0.6
V
VTT
I/O Termination Voltage
Vref - 0.04
V
Vref + 0.04
Notes
Symbol
CI(A)
CI(C)
CI(K)
CI/O
Parameter
Input Capacitance, address pin
Input Capacitance, control pin
Input Capacitance, CK0 pin
Input Capacitance, I/O pin
Tes t Condition
Limits(max.)
Unit
VI - 1.25V
f =100MHz
VI = 25mVrm
pF
pF
pF
pF
11.0
38.0
22.0
20
Notes
11
11
11
11
11.0
6
5
7
°C
°C


Similar Part No. - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-75 MITSUBISHI-MH32D72AKLA-75 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz