Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLB-75 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLB-75 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32D72AKLB-75 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
13
POWER ON SEQUENCE
Before starting normal operation, the following power on sequence is necessary to prevent a SDRAM
from damaged or multifunctioning.
1. Apply VDD and VDDQ before or the same time as VTT & Vref
2. Maintain stable condition for 200us after stable power and CLK, apply NOP or DSEL
3. Issue precharge command for all banks of the device
4. Issue EMRS
5. Issue MRS
6. Issue 2 or more Auto Refresh commands
7. Maintain stable condition for 200 cycle
After these sequence, the SDRAM is idle state and ready for normal operation.
MODE REGISTER
Burst Length, Burst Type and /CAS Latency can be programmed by
setting the mode register (MRS). The mode register stores these data until
the next MRS command, which may be issued in idle state.
After tMRD from a MRS command, the DDR DIMM is ready for new
command.
R: Reserved for Future Use
BL
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Burst
Length
BT= 0
BT= 1
R
2
4
8
R
R
R
R
R
2
4
8
R
R
R
R
0
1
Burst
Type
Sequential
Interleaved
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA1 BA0
0
0
DR
0
LTMODE
BT
BL
0
0
/S0
/RAS
/CAS
/WE
A11-A0
/CK0
V
CK0
BA0
BA1
CL
Latency
Mode *1
(SDRAM
level)
/CAS Latency
R
R
2
R
R
2.5
R
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
0
1
DLL
Reset
NO
YES
R
*1 In the module, 1latency should be added due to registered DIMM.
0


Similar Part No. - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-75 MITSUBISHI-MH32D72AKLA-75 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLB-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz