Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D72AKLB-75 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MH32D72AKLB-75
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH32D72AKLB-75 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLB-75,-10
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0399-0.2
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
1
DESCRIPTION
APPLICATION
Main memoryunit for PC, PC server, Server, W S.
FEATURES
Type name
133MHz
MH32D72AKLB-10
MH32D72AKLB-75
- Utilizes industry standard 16M X 8 DDR Synchronous DRAMs
in TSOP package , industry standard Registered Buffer in
TSSOP package , and industry standard PLL in TSSOP package.
-
Vdd=Vddq=2.5v ±0.2V
- Double data rate architecture; two data transf ers per
clock cyc le
- Bidirectional, data strobe (DQS) is transmitted/receiv ed
with data
- Diff erential clock inputs (CK0 and /CK0)
- data and data mask ref erenced to both edges of DQS
- /CAS latency - 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Auto precharge / All bank precharge controlled by A10
- 4096 ref resh cyc les /64ms
- Auto ref resh and Self ref resh
- Row address A0-11 / Column address A0-9
- SSTL_2 Interf ace
- Module 2bank Conf igration
- Burst Ty pe - sequential/interleav e(programmable)
- Commands entered on each positiv e CLK edge
Max.
Frequency
100MHz
1pin
52pin
92pin
93pin
144pin
145pin
184pin
The MH32D72AKLB is 33554432 - word x 72-bit Double
Data Rate(DDR) Sy nchronous DRAM mounted module.
This consists of 18 industry standard 16M x 8 DDR
Sy nchronous DRAMs in TSOP with SSTL_2 interf ace which
achiev es v ery high speed data rate up to 133MHz.
This socket-ty pe memory m odule is suitable f or main
memory in computer systems and easy to interchange or
add modules.
CLK
Access Time
[component level]
53pin
+ 0.75ns
+ 0.8ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn