Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8357 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 56F8357
Description  16-bit Digital Signal Controllers
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8357 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 56F8357 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 177 page
background image
56F8357 Technical Data, Rev. 15
46
Freescale Semiconductor
Preliminary
4.4 Data Map
Note: Data Flash is NOT available on the 56F8157 device.
ADCA
74
0-2
P:$94
ADC A Conversion Complete / End of Scan
ADCB
75
0-2
P:$96
ADC B Zero Crossing or Limit Error
ADCA
76
0-2
P:$98
ADC A Zero Crossing or Limit Error
PWMB
77
0-2
P:$9A
Reload PWM B
PWMA
78
0-2
P:$9C
Reload PWM A
PWMB
79
0-2
P:$9E
PWM B Fault
PWMA
80
0-2
P:$A0
PWM A Fault
core
81
- 1
P:$A2
SW Interrupt LP
1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced
from the vector table, providing only 19 bits of address.
2. If the VBA is set to $0200 (or VBA = 0000 for Mode 1, EMI_MODE = 0), the first two locations of the vector table are
the chip reset addresses; therefore, these locations are not interrupt vectors.
2.
Table 4-6 Data Memory Map1
1. All addresses are 16-bit Word addresses, not byte addresses.
Begin/End
Address
EX = 02
2. In the Operating Mode Register (OMR).
EX = 1
X:$FF FFFF
X:$FF FF00
EOnCE
256 locations allocated
EOnCE
256 locations allocated
X:$FF FEFF
X:$01 0000
External Memory
External Memory
X:$00 FFFF
X:$00 F000
On-Chip Peripherals
4096 locations allocated
On-Chip Peripherals
4096 locations allocated
X:$00 EFFF
X:$00 3000
External Memory
External Memory
X:$00 2FFF
X:$00 2000
On-Chip Data Flash
8KB
X:$00 1FFF
X:$00 0000
On-Chip Data RAM
16KB3
3. The Data RAM is organized as a 2K x 32-bit memory to allow single-cycle, long-word operations.
Table 4-5 Interrupt Vector Table Contents1 (Continued)
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function


Similar Part No. - 56F8357

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
More results

Similar Description - 56F8357

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com