Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN4392 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PN4392
Description  N-channel silicon field-effect transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PN4392 Datasheet(HTML) 3 Page - NXP Semiconductors

  PN4392 Datasheet HTML 1Page - NXP Semiconductors PN4392 Datasheet HTML 2Page - NXP Semiconductors PN4392 Datasheet HTML 3Page - NXP Semiconductors PN4392 Datasheet HTML 4Page - NXP Semiconductors PN4392 Datasheet HTML 5Page - NXP Semiconductors PN4392 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
April 1989
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
PN4391 to 4393
THERMAL RESISTANCE
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified
From junction to ambient in free air
Rth j-a
=
350
K/W
PN4391
PN4392
PN4393
Reverse gate current
−V
GS = 20 V; VDS =0
−IGSS
max.
1.0
1.0
1.0 nA
−VGS = 20 V; VDS =0
Tamb = 100 °C
−IGSS
max.
200
200
200 nA
Drain cut-off current
−VGS = 12 V
VDS = 20 V
IDSX
max.
1.0
nA
−V
GS =7 V
IDSX
max.
1.0
nA
−V
GS =5 V
IDSX
max.
1.0 nA
−VGS = 12 V
VDS = 20 V;
Tamb = 100 °C
IDSX
max.
200
nA
−V
GS =7 V
IDSX
max.
200
nA
−V
GS =5 V
IDSX
max.
200 nA
Drain saturation current
VDS = 20 V; VGS =0
IDSS
min.
50
25
5 mA
max.
150
100
60 mA
Gate-source breakdown voltage
−I
G =1 µA; VDS =0
−V(BR)GSS
min.
40
40
40 V
Gate-source cut-off voltage
VDS = 20 V; ID =1nA
−VGS off
min.
4.0
2.0
0.5 V
max.
10
5.0
3.0 V
Drain-source on-resistance
ID = 1 mA; VGS =0
RDS on
max.
30
60
100
Drain-source on-voltage
VGS = 0; ID = 12 mA
VDS on
max.
0.4
V
VGS = 0; ID = 6 mA
VDS on
max.
0.4
V
VGS = 0; ID = 3 mA
VDS on
max.
0.4 V


Similar Part No. - PN4392

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4392 FAIRCHILD-PN4392 Datasheet
474Kb / 10P
   N-Channel Switch
logo
Calogic, LLC
PN4392 CALOGIC-PN4392 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
PN4392 LINEAR-PN4392 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Vishay Siliconix
PN4392 VISHAY-PN4392 Datasheet
82Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jan-01
logo
Central Semiconductor C...
PN4392 CENTRAL-PN4392 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
More results

Similar Description - PN4392

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com