Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBZ5254B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBZ5254B
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBZ5254B Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBZ5254B Datasheet HTML 1Page - NXP Semiconductors PMBZ5254B Datasheet HTML 2Page - NXP Semiconductors PMBZ5254B Datasheet HTML 3Page - NXP Semiconductors PMBZ5254B Datasheet HTML 4Page - NXP Semiconductors PMBZ5254B Datasheet HTML 5Page - NXP Semiconductors PMBZ5254B Datasheet HTML 6Page - NXP Semiconductors PMBZ5254B Datasheet HTML 7Page - NXP Semiconductors PMBZ5254B Datasheet HTML 8Page - NXP Semiconductors PMBZ5254B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Notes
1. VZ is measured with device at thermal equilibrium while mounted on a ceramic substrate of 8 × 10 × 0.7 mm.
2. For types PMBZ5226B to PMBZ5242B the IZ current is 7.5 mA; for PMBZ5243B and higher IZ =IZtest. SZ values valid between 25 °C and 125 °C.
PMBZ5252B
24
600
+0.081
5.2
55
0.1
18
1.25
PMBZ5253B
25
600
+0.082
5.0
55
0.1
19
1.25
PMBZ5254B
27
600
+0.085
4.6
50
0.1
21
1.0
PMBZ5255B
28
600
+0.085
4.5
50
0.1
21
1.0
PMBZ5256B
30
600
+0.085
4.2
50
0.1
23
1.0
PMBZ5257B
33
700
+0.085
3.8
45
0.1
25
0.9
TYPE No.
WORKING
VOLTAGE
VZ (V)(1)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZ = 0.25 mA
TEMP. COEFF.
SZ (%/K)
at IZ(2)
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT at
REVERSE VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
IR (µA)
VR
(V)
NOM.
MAX.
TYP.
MAX.
MAX.
MAX.


Similar Part No. - PMBZ5254B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMB ETC-PMB Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
PMB ETC-PMB Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
More results

Similar Description - PMBZ5254B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com