Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWP682M35V16X25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRWP682M35V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP682M35V16X25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRWP682M35V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRWP682M35V16X25F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
66
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
67
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRWP Series
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING,
FROM NRWS WIDE TEMPERATURE RANGE
CHARACTERISTICS
EXTENDED TEMPERATURE
NRWS
NRWP
(today’s standard)
(reduced sizes)
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
NRWS
NRWP
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
33 ~ 33,000µF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 minutes
0.01CV or 3µA whichever is greater
Max. Tan δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000µF
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
C = 2,200µF
0.30
0.26
0.22
0.18
0.16
0.14
0.12
-
C = 3,300µF
0.32
0.28
0.24
0.20
0.18
0.16
-
-
C = 4,700µF
0.34
0.30
0.26
0.22
0.20
-
-
-
C = 6,800µF
0.38
0.34
0.30
0.26
0.24
-
-
-
C = 10,000µF
0.46
0.42
0.38
0.34
-
-
-
-
C = 15,000µF
0.56
0.52
0.48
-
-
-
-
-
C = 22,000µF
0.70
0.66
-
-
-
-
-
-
C = 33,000µF
0.92
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-40°C/Z+20°C
5
4
3
2
2
2
2
2
Z-55°C/Z+20°C
10
8
6
4
3
3
3
3
Load Life Test
@ 105°C
Duration
φ D < 8: 1,000 hours, φ D > 10: 2,000 hours
∆ Capacitance
Within ±25% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
33
-
-
-
-
-
-
-
140
47
-
-
-
-
-
-
-
185
100
-
-
-
-
-
200
230
290
220
-
-
-
240
300
360
390
560
330
-
-
270
335
400
470
540
690
470
-
295
375
440
525
600
700
880
680
285
430
480
630
760
980
800
900
1,000
460
500
640
740
865 1060 1200 985
2,200
775
860 1050 1090 1370 1600 1400
-
3,300
985 1100 1300 1500 1680 1780
-
-
4,700
1150 1350 1650 1800 1870
-
-
-
6,800
1480 1700 1900 1910 1920
-
-
-
10,000
1700 1950 1950 2050
-
-
-
-
15,000
2090 2090 2070
-
-
-
-
-
22,000
2280 2180
-
-
-
-
-
-
33,000
2350
-
-
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA AT 120Hz AND 105°C)
Cap. (µF)
60Hz
120Hz
500Hz
1KHz
10KHz ~ up
33 ~ 47
0.80
1.00
1.20
1.30
1.50
100 ~ 1,000
0.80
1.00
1.10
1.10
1.20
2,200 ~ 33,000
0.80
1.00
1.05
1.10
1.15
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
33
-
-
-
-
-
-
-
4.02
47
-
-
-
-
-
-
-
2.82
100
-
-
-
-
-
1.99 1.66 1.33
220
-
-
-
1.21 1.06 0.90 0.75 0.60
330
-
-
1.01 0.80 0.70 0.60 0.50 0.40
470
-
0.85 0.71 0.56 0.49 0.42 0.35 0.28
680
0.68 0.59 0.49 0.39 0.34 0.29 0.24 0.20
1,000
0.46 0.40 0.33 0.27 0.23 0.20 0.17 0.13
2,200
0.23 0.20 0.17 0.14 0.12 0.11 0.09
-
3,300
0.16 0.14 0.12 0.10 0.09 0.08
-
-
4,700
0.12 0.11 0.09 0.08 0.07
-
-
-
6,800
0.09 0.08 0.07 0.06 0.06
-
-
-
10,000
0.08 0.07 0.06 0.06
-
-
-
-
15,000
0.06 0.06 0.05
-
-
-
-
-
22,000
0.05 0.05
-
-
-
-
-
-
33,000
0.05
-
-
-
-
-
-
-
MAXIMUM ESR
(Ω AT 120Hz AND 20°C)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRWP682M35V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP682M35V18X355F NIC-NRWP682M35V18X355F Datasheet
123Kb / 7P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP682M35V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com