Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LA565-CD Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8563LA565-CD
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA565-CD Datasheet(HTML) 5 Page - California Eastern Labs

  NX8563LA565-CD Datasheet HTML 1Page - California Eastern Labs NX8563LA565-CD Datasheet HTML 2Page - California Eastern Labs NX8563LA565-CD Datasheet HTML 3Page - California Eastern Labs NX8563LA565-CD Datasheet HTML 4Page - California Eastern Labs NX8563LA565-CD Datasheet HTML 5Page - California Eastern Labs NX8563LA565-CD Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NX8563LA Series
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Monitor PD: TLD = Tset, TC =
−20 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Monitor Current
Im
Pf = 10 mW, VR = 5 V
100
2 000
µA
Dark Current
ID
VR = 5 V
10
nA
Tracking Error
γ
*1
Im = const.
0.6
dB
*1
γ = 10 log
Pf
10 mW
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25˚C
TLD = Tset, TC = –20 to +85˚C
(@ Pf (25˚C) = 10 mW)
10
Pf
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = Tset, TC =
−20 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25
°C
9.5
10.0
10.5
k
B Constant
B
3 350
3 450
3 550
K
Cooler Current
IC
T = 85 − Tset, Pf = 10 mW
1.2
A
Cooler Voltage
VC
T = 85 − Tset, Pf = 10 mW
2.4
V
Data Sheet PL10428EJ02V0DS
5


Similar Part No. - NX8563LA565-CD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8563LA565-CD RENESAS-NX8563LA565-CD Datasheet
288Kb / 10P
   LASER DIODE
2005
More results

Similar Description - NX8563LA565-CD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com