Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRO2375A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part No. CRO2375A
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZCOMM [Z-Communications, Inc]
Homepage  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

CRO2375A Datasheet(HTML) 1 Page - Z-Communications, Inc

  CRO2375A Datasheet HTML 1Page - Z-Communications, Inc CRO2375A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-140
-130
-120
-110
-100
-90
-80
1000
10000
100000
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
6
-118
-15
1
1
50
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
2375
2375
14
0.5
4.5
Package Style
38
85
-40
5.5
-13
Power Supply Requirements
Typ
Units
Min
Max
8
32
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
33
Digital Radio Equipment
Fixed Wireless Access
Satellite Communication Systems
Applications
Voltage-Controlled Oscillator
Surface Mount Module
CRO2375A
A1
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B
Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
MINI-16-SM


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XQ1003-BD6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
CLV0787E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1100E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV6115A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2023A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
XQ1004-BD7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
VS-500AVoltage Controlled Saw Oscillator 1 2 3 4 5 MoreVectron International, Inc
CLV0798A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1137A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV6450A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn