Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PN3439 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PN3439
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PN3439 Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Sep 04
5
Philips Semiconductors
Product specification
NPN high-voltage transistors
PN3439; PN3440
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BF585NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
PMSTA42NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
MPSA42NPN Silicon High-Voltage Transistors 1 2 3 4 Siemens Semiconductor Group
BF583NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
BF591NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
PZTA42NPN Silicon High-Voltage Transistors 1 2 3 4 Siemens Semiconductor Group
BF620NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
BSP19NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors
BF720NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BSR19NPN high-voltage transistors 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn