Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRO2013A-LF Datasheet(PDF) 1 Page - Z-Communications, Inc

Part No. CRO2013A-LF
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZCOMM [Z-Communications, Inc]
Homepage  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

CRO2013A-LF Datasheet(HTML) 1 Page - Z-Communications, Inc

  CRO2013A-LF Datasheet HTML 1Page - Z-Communications, Inc CRO2013A-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW COST - HIGH PERFORMANCE
CRO2013A-LF
WiMAX Radio
Digital Radio Equipment
5
23
3±3
1912
0.5-4.5
69
-103
-15
<0.7
<2
50
50
-40 to 85
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
MINI-16
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
1912 2114
-
MHz
• Frequency Range:
• Tuning Voltage:
0.5-4.5 Vdc
- Style Package
MINI-16
A1
Rev
AN-100/1 : Mounting and Grounding of VCOs
AN-102 : Proper Output Loading of VCOs
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
- 2114
OFFSET (Hz)
14


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XQ1003-BD6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
CLV0787E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1100E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV6115A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
XQ1004-BD7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
VS-500AVoltage Controlled Saw Oscillator 1 2 3 4 5 MoreVectron International, Inc
CLV0798A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1137A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV6450A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
XQ1005-BD14.2-15.2 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn