Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LF541-BA Datasheet(PDF) 8 Page - California Eastern Labs

Part # NX8563LF541-BA
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LF541-BA Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NX8563LF541-BA Datasheet HTML 2Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 3Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 4Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 5Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 6Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 7Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 8Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 9Page - California Eastern Labs NX8563LF541-BA Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NX8563LF
TYPICAL CHARACTERISTICS (TLD = Tset, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OPTICAL OUTPUT POWER FROM
FIBER vs. FORWARD CURRENT
Forward Current IF (mA)
15.0
12.5
10.0
7.5
5.0
2.5
0
20
40
60
80
100
OPTICAL OUTPUT POWER FROM
FIBER vs. MONITOR CURRENT
Monitor Current Im (mA)
120
100
80
60
40
20
0
0.4
0.8
1.2
1.6
2.0
2.4
12.0
10.0
8.0
6.0
4.0
2.0
0
0.2
0.4
0.6
0.8
1.0
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
50
Ambient Temperature TA (
°C)
30
20
10
1
2
3
5
025
50
75
SPECTRUM
Wavelength
λ (nm)
10
–10
–30
–50
–70
0
–20
–40
–60
1 540
1 550
1 560
Remark The graphs indicate nominal characteristics.
Data Sheet PL10215EJ03V0DS
8


Similar Part No. - NX8563LF541-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF541-BA CEL-NX8563LF541-BA Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
logo
Renesas Technology Corp
NX8563LF541-BA RENESAS-NX8563LF541-BA Datasheet
300Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8563LF541-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com