Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32D72AKLA-10 Datasheet(PDF) 36 Page - Mitsubishi Electric Semiconductor

Part # MH32D72AKLA-10
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLA-10 Datasheet(HTML) 36 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLA-10 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLA-10,-75
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0398-1.1
24.Nov.2000
Preliminary Spec.
Some contents are subject to change without notice.
36
Serial Presence Detect Table I
Byte
Function described
SPD enrty data
SPD DATA(hex)
0
Number of Serial PD Bytes Written during Production
128
80
1
Total # bytes of SPD memory device
256 Bytes
08
2
Fundamental memory type
SDRAM DDR
07
3
# Row Addresses on this assembly
12
4
# Column Addresses on this assembly
11
5
# Module Banks on this assembly
1BANK
01
6
Data Width of this assembly...
x72
48
7
... Data Width continuation
0
00
8
Voltage interface standard of this assembly
SSTL2.5V
04
9
SDRAM Cycletime at Max. Supported CAS Latency (CL).
Cycle time for CL=2.5
10
SDRAM Access from Clock
tAC for CL=2.5
11
DIMM Configuration type (Non-parity,Parity,ECC)
ECC
02
12
Refresh Rate/Type
13
SDRAM width,Primary DRAM
x4
04
14
Error Checking SDRAM data width
x4
04
15
MIimum Clock Delay, Random Column Access
01
16
Burst Lengths Supported
2, 4, 8
0E
17
Number of Device Banks
4bank
04
18
CAS# Latency
2.0, 2.5
0C
19
CS# Latency
20
WE Latency
21
SDRAM Module Attributes
Registered with PLL
26
22
SDRAM Device Attributes:General
VDD + 0.2V
00
23
SDRAM Cycle time(2nd highest CAS latency)
Cycle time for CL=2
24
SDRAM Access form Clock(2nd highest CAS latency)
80
tAC for CL=2
25
SDRAM Cycle time(3rd highest CAS latency)
26
SDRAM Access form Clock(3rd highest CAS latency)
27
Minimum Row Precharge Time (tRP)
15ns
50
28
Minimum Row Active to Row Active Delay (tRRD)
20ns
3C
8.0ns
-10
10ns
A0
75
-75
29
RAS to CAS Delay Minv (tRCD)
20ns
2D
30
Active to Precharge Min (tRAS)
32
7.5ns
+0.75ns
+0.8 ns
-75
-10
-75
-10
-75
-10
Undefined
-75
-10
45ns
50ns
+0.75ns
+0.8ns
Differential Clock
0C
0B
75
80
75
80
00
50
15.625uS/SR
80
0
1
02
01
1 clock
10ns
A0
-75
-10
-75
-10
Undefined
Undefined
Undefined
00
00
00


Similar Part No. - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D72AKLB-10 MITSUBISHI-MH32D72AKLB-10 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com