Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2745TB Datasheet(PDF) 2 Page - NEC

Part # UPC2745TB
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745TB Datasheet(HTML) 2 Page - NEC

  UPC2745TB_97 Datasheet HTML 1Page - NEC UPC2745TB_97 Datasheet HTML 2Page - NEC UPC2745TB_97 Datasheet HTML 3Page - NEC UPC2745TB_97 Datasheet HTML 4Page - NEC UPC2745TB_97 Datasheet HTML 5Page - NEC UPC2745TB_97 Datasheet HTML 6Page - NEC UPC2745TB_97 Datasheet HTML 7Page - NEC UPC2745TB_97 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
PIN
Input Power
dBm
0
PT
Total Power Dissipation2
mW
200
TOP
Operating Temperature
°C
-45 to +85
TSTG
Storage Temperature
°C
-55 to +150
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
TOP
Operating Temperature
˚C
-40
+25
+85
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on double sided copper clad 50 x 50 x 1.6 mm epoxy
glass PWB (TA = +85
°C).
UPC2745TB, UPC2746TB
(Pin 5, Pin 8)
Pin
Pin
Applied
No.
Name
Voltage
Description
Internal Equivalent Circuit
(V)
1
Input
Signal input pin. An internal matching
circuit, configured with resistors, enables
50
Ω connection over a wide bandwidth.
This pin must be coupled to the signal source
with a blocking capacitor.
4
Output
Signal output pin. An internal matching
circuit, configured with resistors, enables
50
Ω connection over a wide bandwidth.
This pin must be coupled to the output
load with a blocking capacitor.
6VCC
2.7 to 3.3
Power supply pin. This pin should be
externally equipped with a bypass capacitor
to minimize ground impedance.
2
GND
0
Ground pin. This pin should be connected
3
to system ground with minimum inductance.
5
Ground pattern on the board should be
formed as wide as possible. All the ground
pins must be connected together with wide
ground pattern to minimize impedance
difference.
PIN DESCRIPTION
1
2
3
4
5
6
ELECTRICAL CHARACTERISTICS (TA = +25 °C, ZL = ZS = 50 Ω)
PART NUMBER
UPC2745TB
UPC2746TB
PACKAGE OUTLINE
S06
S06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
RLIN
Input Return Loss, VCC = 3.0 V, f = 0.5 GHz
dB
8
11
10
13
VCC = 3.0 V, f = 1 GHz
dB
13
10
VCC = 3.0 V, f = 2 GHz
dB
14
VCC = 1.8 V, f = 0.5 GHz
dB
6.5
10
RLOUT
Output Return Loss, VCC = 3.0 V, f = 0.5 GHz
dB
2.5
5.5
5.5
8.5
VCC = 3.0 V, f = 1 GHz
dB
6.5
8.5
VCC = 3.0 V, f = 2 GHz
dB
8.5
VCC = 1.8 V, f = 0.5 GHz
dB
6.0
9.5
ISOL
Isolation, VCC = 3.0 V, f = 0.5 GHz
dB
33
38
40
45
VCC = 3.0 V, f = 1 GHz
dB
33
38
VCC = 3.0 V, f = 2 GHz
dB
30
VCC = 1.8 V, f = 0.5 GHz
dB
35
37
IM3
3rd Order Intermodulation Distortion
VCC = 3.0 V, POUT = -20 dBm, f1 = 500 MHz, f2 = 502 MHz
dBc
-54
-51
VCC = 3.0 V, POUT = -20 dBm, f1 = 1000 MHz, f2 = 1002 MHz
dBc
-50
VCC = 1.8 V, POUT = -20 dBm, f1 = 500 MHz, f2 = 502 MHz
dBc
-31
-37


Similar Part No. - UPC2745TB_97

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745TB-E3 NEC-UPC2745TB-E3 Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2745TB-E3 RENESAS-UPC2745TB-E3 Datasheet
426Kb / 21P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPC2745TB-E3-A CEL-UPC2745TB-E3-A Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2745TB-E3-A CEL-UPC2745TB-E3-A Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2745TB_V1 CEL-UPC2745TB_V1 Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - UPC2745TB_97

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com