Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE3004-DC90A Datasheet(PDF) 2 Page - Rohm

Part # SE3004-DC90A
Description  High speed thermal printhead (300 dots / inch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SE3004-DC90A Datasheet(HTML) 2 Page - Rohm

  SE3004-DC90A Datasheet HTML 1Page - Rohm SE3004-DC90A Datasheet HTML 2Page - Rohm SE3004-DC90A Datasheet HTML 3Page - Rohm SE3004-DC90A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tentative
SE3004-DC90A
Printhead
Under development
2/3
Equivalent circuit
DOT#1
DOT #1280
VH
220
µF 35V
GND
BEO
STB2
STB1
LAT
CLK
DI 2
DI 1
VDD
GND
TM
TM
LATCH
1280
640
641
1
DI No.
DI 2
STB2
STB1
1280 to 641
640 to
1
DOT No.
1280 to 641
DI 1
640 to
1
STB No.
DOT No.


Similar Part No. - SE3004-DC90A

ManufacturerPart #DatasheetDescription
logo
Rohm
SE3004-DC94A ROHM-SE3004-DC94A Datasheet
81Kb / 5P
   High speed thermal printhead (300 dots / inch)
More results

Similar Description - SE3004-DC90A

ManufacturerPart #DatasheetDescription
logo
Rohm
NF3002-VA30A ROHM-NF3002-VA30A Datasheet
61Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3004-DC94A ROHM-SE3004-DC94A Datasheet
81Kb / 5P
   High speed thermal printhead (300 dots / inch)
SE3003-DC94A ROHM-SE3003-DC94A Datasheet
87Kb / 5P
   High speed thermal printhead (300 dots / inch)
SE3002-DC90A ROHM-SE3002-DC90A Datasheet
67Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3002-DC94A ROHM-SE3002-DC94A Datasheet
90Kb / 5P
   High speed thermal printhead (300 dots / inch)
NF3004-VA30A ROHM-NF3004-VA30A Datasheet
67Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3003-DC90A ROHM-SE3003-DC90A Datasheet
66Kb / 4P
   High speed thermal printhead (300 dots / inch)
NB3002-VA10A ROHM-NB3002-VA10A Datasheet
208Kb / 6P
   High speed thermal printhead (300 dots / inch)
NE3002-VA10A ROHM-NE3002-VA10A Datasheet
186Kb / 5P
   Near edge thermal printhead (300 dots / inch)
SH3002-DC90A ROHM-SH3002-DC90A Datasheet
57Kb / 4P
   Near edge thermal printhead (300 dots / inch)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com