Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NR4500BP-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part No. NR4500BP-CC
Description  InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NR4500BP-CC Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NR4500BP-CC, NR4500CP-CC
Pin No.
Function
1
VPD (APD Cathode)
2VSS (-5.2 V)
3Signal Out
4
Case Ground
PIN CONNECTIONS
OUTLINE DIMENSIONS (Units in mm)
EYE DIAGRAM
Input Wave Form (100 ps/div.)
Pin = –32 dBm Output Wave Form
(100 ps/div.)
TYPCAL PERFORMANCE CURVES (TA = 25ºC)
Remark: The graphs indicate nominal characteristics.
17.0
8.4
P.C.D. φ4.0±0.15
P.C.D. φ2.0±0.15
φ 1.0 MAX
Stem φ7.4
φ8.3 MAX
φ7.14±0.05
φ2.5
φ3.2±0.15
0.45±0.04
14.0
Optical Fiber
Length: 1 m MIN
With SC
Connector
2
3
1
4
BOTTOM VIEW
17.0
14.0
P.C.D. φ4.0±0.15
P.C.D. φ2.0±0.15
φ 1.0 MAX
Stem φ7.4
φ8.3 MAX
φ7.15±0.05
φ3.2±0.15
0.45±0.04
8.5
MAX
Optical Fiber
Length: 1 m MIN
With SC
Connector
GaAs
Pre-Amplifier
VPD
APD
Case
Ground
Signal
Out
VSS
PIN CONNECTIONS
NR4500CP-CC
NR4500BP-CC
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/27/2003


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn