Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NR4500BP-CC Datasheet(PDF) 2 Page - California Eastern Labs

Part No. NR4500BP-CC
Description  InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NR4500BP-CC Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current
mA
10
IR
Reverse Current
mA
1.0
VSS
Supply Voltage
V
-6.0
TC
Operating Case Temperature
°C0 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 sec)
°C
260
RH
Relative Humidity
%
85
(noncondensing)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
PART NUMBER AVAILABLE CONNECTOR DESCRIPTION
NR4500BP-CC
With SC-UPC Connector
Flat Mount Flange
NR4500CP-CC
Vertical Flange
ORDERING INFORMATION
PARAMETER
SPEC
UNIT
Mode Field Diameter
9.5±1
µm
Cladding Diameter
125±2
µm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9±0.1
mm
Cut-off Wavelength
1100 to 1270
nm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1000 MIN
mm
Flammability
UL1581 VW-1
OPTICAL FIBER CHARACTERISTICS
35±2 mm
Fiber Length: 1000 mm MIN
SC-UPC Connector
8.99±0.5 mm
NR4500BP-CC, NR4500CP-CC
TYPCAL PERFORMANCE CUREVES (TA = 25ºC)
10
-5
10
-6
10
-7
10
-8
10
-9
10
-10
10
-11
10
-12
-35 -34 -33 -32 -31 -30 -29 -28
-36
-37
-38
2.48832 Gb/s,
λ = 1550 nm,
NRZ,
PRBS = 2
-23–1,
BER = 10
-10,
VR: Optimum
85°C
70°C
25°C
0°C
ERROR CHARACTERISTICS
OUTPUT VOLTAGE vs.
PHOTO CURRENT AVERAGE
Photo Current ave. Ip ave. (µA)
100
0
0
200
200
400
400
600
800
1000
300
500
600
700
800
900
1000
Average Received Power P (dBm)
SENSITIVITY vs.
MULTIPLICATION FACTOR
Multiplication Factor M
510
-31.4
-31.6
-31.8
-32.0
-32.2
-32.4
-32.6
-32.8
-33.0
-33.2
15
20
25
λ = 1.3 µm
FREQUENCY RESPONSE
Frequency f (GHz)
0
2.5
5.0
Pin = -30 dBm
M = 5
10
15


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn