Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG260234-T1 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NESG260234-T1
Description  NPN SILICON GERMANIUM RF TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG260234-T1 Datasheet(HTML) 5 Page - California Eastern Labs

  NESG260234-T1 Datasheet HTML 1Page - California Eastern Labs NESG260234-T1 Datasheet HTML 2Page - California Eastern Labs NESG260234-T1 Datasheet HTML 3Page - California Eastern Labs NESG260234-T1 Datasheet HTML 4Page - California Eastern Labs NESG260234-T1 Datasheet HTML 5Page - California Eastern Labs NESG260234-T1 Datasheet HTML 6Page - California Eastern Labs NESG260234-T1 Datasheet HTML 7Page - California Eastern Labs NESG260234-T1 Datasheet HTML 8Page - California Eastern Labs NESG260234-T1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
500
02
13
5
6
7
8
9
10
4
400
200
300
100
VCE = 7 V
1 000
100
10
1
100
10
1 000
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
1 000
100
10
1
100
10
1 000
1 000
100
10
1
100
10
1 000
VCE = 6 V
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
20
15
10
5
0
10
100
1 000
VCE = 5 V
f = 460 MHz
3 mA
2 mA
5 mA
4 mA
7 mA
6 mA
9 mA
8 mA
10 mA
IB = 1 mA
3 mA
2 mA
5 mA
4 mA
7 mA
6 mA
9 mA
8 mA
10 mA
IB = 1 mA
Remark The graphs indicate nominal characteristics.
Data Sheet PU10547EJ02V0DS
5
NESG260234


Similar Part No. - NESG260234-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NESG260234-T1 NEC-NESG260234-T1 Datasheet
252Kb / 4P
   3-PIN POWER MINIMOLD
logo
Renesas Technology Corp
NESG260234-T1 RENESAS-NESG260234-T1 Datasheet
326Kb / 14P
   NPN SILICON GERMANIUM RF TRANSISTOR
2005
NESG260234-T1-AZ RENESAS-NESG260234-T1-AZ Datasheet
326Kb / 14P
   NPN SILICON GERMANIUM RF TRANSISTOR
2005
More results

Similar Description - NESG260234-T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com