Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32D64KQH-75 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # MH32D64KQH-75
Description  2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D64KQH-75 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button MH32D64KQH-75 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor MH32D64KQH-75 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
MH32D64KQH-75,-10
2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0417-0.2
17.May.2001
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
19
18
17
7.8
7.8
1
1
1
1
200
200
80
75
1
1
15
15
15
15
20
20
20
20
80
75
70
65
120,000
50
120,000
45
us
tCK
tCK
tCK
ns
tCK
ns
ns
ns
ns
ns
Average Periodic Refresh interval
tREFI
Exit Power down to -Read command
tXPRD
Exit Power down to command
tXPNR
tXSRD
Exit Self Ref. to -Read command
tXSNR
Exit Self Ref. to non-Read command
tWTR
Internal Write to Read Command Delay
ns
35
35
Auto Precharge write recovery + precharge time
tDAL
-10
-75
AC Characteristics
Max.
Min.
Max.
Min.
Parameter
tWR
Write Recovery time
tRRD
Act to Act Delay time
Row Precharge time
Row to Column Delay
tRP
tRCD
tRFC
Auto Ref. to Active/Auto Ref. command period
ns
Row Cycle time(operation)
tRC
Row Active time
ns
tRAS
Notes
Unit
Symbol
Output Load Condition
(f or component measurement)
DQ
Output Timing
Measurement
Reference
Point
VREF
VREF
DQS
VOU
VREF
30pF
50ohm
VTT =V REF
Zo=50 ohm
AC TIMING REQUIREMENTS(Continues)
(Ta=0 ~ 70°C
, Vdd = VddQ = 2.5 ± 0.2V, Vss = VssQ = 0V, unless otherwise noted)


Similar Part No. - MH32D64KQH-75

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D64AKQJ-10 MITSUBISHI-MH32D64AKQJ-10 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D64KQH-75

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64APHB-6 MITSUBISHI-MH32S64APHB-6 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH64D64AKQH-75 MITSUBISHI-MH64D64AKQH-75 Datasheet
362Kb / 40P
   4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
   536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH28D72KLG-75 MITSUBISHI-MH28D72KLG-75 Datasheet
337Kb / 39P
   9,663,676,416-BIT (134,217,728-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com