Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D64KQH-75 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MH32D64KQH-75
Description  2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH32D64KQH-75 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MH32D64KQH-75,-10
2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0417-0.2
17.May.2001
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
5
BASIC FUNCTIONS
The MH32D64KQH provides basic functions, bank (row) activate, burst read / write, bank (row)
precharge, and auto / self refresh. Each command is defined by control signals of /RAS, /CAS
and /WE at CLK rising edge. In addition to 3 signals, /CS ,CKE and A10 are used as chip
select, refresh option, and precharge option, respectively. To know the detailed definition of
commands, please see the command truth table.
/S0
Chip Select : L=select, H=deselect
/RAS
Command
/CAS
Command
/WE
Command
CKE0
Ref resh Option @ref resh command
A10
Precharge Option @precharge or read/write command
CK0
def ine basic commands
Activate (ACT) [/RAS =L, /CAS =/WE =H]
ACT command activates a row in an idle bank indicated by BA.
Read (READ) [/RAS =H, /CAS =L, /WE =H]
READ command starts burst read from the active bank indicated by BA. Firs t output data
appears after /CAS latency. When A10 =H at this command, the bank is deactivated after the
burst read (auto-precharge,READA)
Write (WRITE) [/RAS =H, /CAS =/WE =L]
WRITE command starts burst write to the active bank indicated by BA. Total data length to be
written is set by burst length. When A10 =H at this command, the bank is deactivated after
the burst write (auto-precharge, WRITEA).
Precharge (PRE) [/RAS =L, /CAS =H, /WE =L]
PRE command deactivates the active bank indicated by BA. This command also terminates
burst read /write operation. When A10 =H at this command, all banks are deactivated
(precharge all, PREA).
Auto-Refresh (REFA) [/RAS =/CAS =L, /WE =CKE0 =H]
REFA command starts auto-refresh cycle. Refresh address including bank address are
generated internally. After this command, the banks are precharged automatically.
/CK0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MH32D64AKQJ-752 147 483 684-BIT 33 554 432-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLA-102 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLB-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72KLH-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH8D64AKQC-75536 870 912-BIT 8 388 608-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32S64APHB-62 147 483 648-BIT 33 554 432 - WORD BY 64-BIT Synchronous DRAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32S64PHB-62 147 483 648-BIT 33 554 432-WORD BY 64-BIT Synchronous DYNAMIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH16D64AKQC-751 073 741 824-BIT 16 777 216-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64D64AKQH-754 294 967 296-BIT 67 108 864-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH16D72AKLB-101 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn