Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M16 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NESG2101M16
Description  NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG2101M16 Datasheet(HTML) 3 Page - California Eastern Labs

  NESG2101M16 Datasheet HTML 1Page - California Eastern Labs NESG2101M16 Datasheet HTML 2Page - California Eastern Labs NESG2101M16 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Similar Part No. - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2101M16 NEC-NESG2101M16 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M16 RENESAS-NESG2101M16 Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
logo
NEC
NESG2101M16-A NEC-NESG2101M16-A Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M16-A RENESAS-NESG2101M16-A Datasheet
352Kb / 15P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
More results

Similar Description - NESG2101M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M05 CEL-NESG2101M05 Datasheet
580Kb / 15P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 CEL-NESG3031M14 Datasheet
551Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com