Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT100 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part No. MKT100
Description  Sharma Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT100 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  MKT100 Datasheet HTML 1Page - Sharma Electro Components,Inc MKT100 Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage
100 V DC / 63 V AC
160 V DC / 90 V AC
250 V DC / 160 V AC
400 V DC / 200 V AC
630 V DC / 220 V AC
1000 V DC / 250 V AC
Ca
p
Value
Dimension
s
i
n Millimeters
Dimension
s
i
n Millimeters
Dimension
s
i
n Millimeters
Dimension
s
i
n Millimeters
Dimension
s
i
n Millimeters
Dimension
s
i
n Millimeters
i
n µF
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
0.001
13.0
9.0
4.0
10.0
0.0015
13.0
9.0
4.0
10.0
0.0022
13.0
9.0
4.0
10.0
0.0033
13.0
9.0
4.0
10.0
0.0047
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
0.0068
13.0
9.0
4.0
10.0
13.0
12.0
6.0
10.0
0.01
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
0.015
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
0.022
13.0
9.0
4.0
10.0
13.0
12.0
6.0
10.0
18.0
13.5
7.5
15.0
0.033
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
26.5
15.0
6.0
22.5
0.047
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
0.068
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
0.1
13.0
9.0
4.0
10.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
26.5
18.5
10.0
22.5
0.15
13.0
9.0
4.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
32.0
20.0
11.0
27.5
0.22
13.0
11.0
5.0
10.0
13.0
11.0
5.0
10.0
18.0
11.0
5.0
15.0
26.5
15.0
6.0
22.5
26.5
17.0
8.5
22.5
32.0
22.0
13.0
27.5
0.33
18.0
11.0
5.0
15.0
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
16.0
7.0
22.5
32.0
20.0
11.0
27.5
0.47
18.0
11.0
5.0
15.0
18.0
12.0
6.0
15.0
26.5
15.0
6.0
22.5
26.5
17.0
8.5
22.5
32.0
22.0
13.0
27.5
0.68
18.0
12.0
6.0
15.0
18.0
13.5
7.5
15.0
26.5
16.0
7.0
22.5
32.0
17.0
9.0
27.5
1.0
18.0
13.5
7.5
15.0
18.0
14.5
8.5
15.0
26.5
17.0
8.5
22.5
32.0
20.0
11.0
27.5
1.5
26.5
16.0
7.0
22.5
26.5
17.0
8.5
22.5
32.0
17.0
9.0
27.5
2.2
26.5
17.0
8.5
22.5
26.5
18.5
10.0
22.5
32.0
20.0
11.0
27.5
3.3
26.5
18.5
10.0
22.5
32.0
20.0
11.0
27.5
32.0
22.0
13.0
27.5
4.7
32.0
20.0
11.0
27.5
32.0
22.0
13.0
27.5
6.8
32.0
22.0
13.0
27.5
INTRODUCTION:
The MKT 100 Series Metallized Polyester Film Capacitors cover a wide range of
values and voltages. These capacitors also have good high frequency characteristics.
In addition to some specific applications such as Blocking, By-passing and Coupling,
this series is widely used in all General Purpose applications.
FEATURES:
Wide value and Voltage range
Flame retardant case and potting
Consistent dimensions and surface finish due to molded case construction
Self healing capability
MKT 100 SERIES
F
Fo
orrm
me
errlly
y M
MK
KT
T 1
1..6
60
0 s
se
erriie
es
s
DIMENSIONS
AND
TOLERANCES:
"d" - 0.8 mm (0.032"))
"LL'' - 6.0 ± 1.0mm (0.24 ±
0.04")
Tolerance on "s"
± 0.4mm
(0.016")
GENERAL SPECIFICATIONS:
Dissipation factor:
≤ 0.0150 at 10K Hz for capacitanc e≤ 1.0 µF ≤ 0.0100 at 1 K
Hz for capacitance> 1.0 µFInsulation resistance: For nominal voltage > 100 V
DC,
≥30,000 M Ohms for C≤ 0.33 µF, ≥10,000 seconds for C> 0.33 µF, For
nominal voltag e
≤ 100 V DC, ≥10,000 M Ohms for C≤ 0.10 µF, ≥1,000 seconds for
C> 0.10 µF at a temperature of 25 ± 5 °C.Capacitance tolerance: ±5%(J),
±10%(K) and ±20%(M). Voltage Test: 1.6 times the rated voltage applied between
terminals for 2 seconds at a temperature of 25
± 5 °C.
Temperature range: -55 to
100 °C with derating above 85 °C .Climatic category: F M D
RATED
LEAD SPACING mm (inches)
VOLTAGE
10.
0(0.40)
15.
0(0.60)
22.
5(0.89)
27.
5(1.08)
100
6
3
2
1
160
8
5
3
2
250
11
7
4
3
400
20
10
5.5
5
630
30
15
8
7
1000
60
25
15
10
PULSE RISE TIME (dv/dt) Volts per µsec.
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at 85 °C for 1000 hours. After the test:
1. Capacitance change shall remain within
±5%.
2. Dissipation Factor shall be within 1.5 times the original limits.
3. Insulation Resistance shall be above 50% of the initial limits.
4. There shall be no remarkable change in the appearance and the marking shall remain legible.
Case Dimensions in Millimeters 100V • 160V• 250V• 400V• 630V• 1000V
Sharma Film Capacitors
formerly SAHA
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MKT075_1 Sharma Film Capacitors 1  Sharma Electro Components,Inc
MKTD06 Film Capacitors 1  2  Sharma Electro Components,Inc
MKP3382X2 Interference Suppression Film Capacitors MKP Radial Potted Type 1  2  3  4  5  More Vishay Siliconix
H2D POLYPHENYLENE SULFIDE FILM CAPACITORS 1  2  RUBYCON CORPORATION
MTB METALLIZED POLYESTER FILM CAPACITORS 1  2  RUBYCON CORPORATION
MKP378 AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type 1  2  3  4  5  More Vishay Siliconix
MKP479 AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn