Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M05-T1-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # NESG2101M05-T1-A
Description  NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG2101M05-T1-A Datasheet(HTML) 5 Page - California Eastern Labs

  NESG2101M05-T1-A Datasheet HTML 1Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 2Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 3Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 4Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 5Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 6Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 7Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 8Page - California Eastern Labs NESG2101M05-T1-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NESG2101M05
TYPICAL PERFORMANCE CURVES (TA= 25°C)
Collector Current, lC (mA)
Frequency, f (GHz)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
INSERTION POWER GAIN, MAG, MSG
vs. FREQUENCY
Frequency, f (GHz)
INSERTION POWER GAIN, MAG,
MSG vs. FREQUENCY
INSERTION POWER GAIN, MAG, MSG
vs. FREQUENCY
Frequency, f (GHz)
TYPICAL PERFORMANCE CURVES (TA= 25°C)
Frequency, f (GHz)
INSERTION POWER GAIN, MAG, MSG
vs. FREQUENCY
Collector Current, IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current, lC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current, lC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current, lC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current, lC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
VCE = 2 V
IC = 50 mA
40
35
30
25
20
15
10
5
0
0.1
1
10
100
MAG
MSG
|S21e|
2
VCE = 3 V
IC = 50 mA
40
35
30
25
20
15
10
5
0
0.1
1
10
100
MAG
MSG
|S21e|
2
VCE = 4 V
IC = 50 mA
40
35
30
25
20
15
10
5
0
0.1
1
10
100
MAG
MSG
|S21e|
2
VCE = 1 V
f = 1 GHz
30
25
20
15
10
5
0
1
10
100
MAG
MSG
|S21e|
2
VCE = 2 V
f = 1 GHz
30
25
20
15
10
5
0
1
10
100
MAG
MSG
|S21e|
2
VCE = 1 V
f = 2 GHz
30
25
20
15
10
5
0
1
10
100
MAG
MSG
|S21e|
2


Similar Part No. - NESG2101M05-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG2101M05-T1-A RENESAS-NESG2101M05-T1-A Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
More results

Similar Description - NESG2101M05-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 CEL-NESG3031M14 Datasheet
551Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com