Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACE470M16V6.3X5.5TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACE470M16V6.3X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACE470M16V6.3X5.5TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACE470M16V6.3X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACE470M16V6.3X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp. NACE470M16V6.3X5.5TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
MAXIMUM RIPPLE CURRENT
(mA rms AT 120Hz AND 85OC)
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
*3x5.5mm Case Size, †8x6.5mm Case Size
Surface Mount Aluminum Electrolytic Capacitors NACE Series
Cap
(
µF)
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
-
1.0
1.0
-
0.22
-
-
-
-
-
-
2.3
2.3
-
0.33
-
-
-
-
-
-
3.5
3.5
-
0.47
-
-
-
-
-
-
4.0*
5.5
5.0
-
1.0
-
-
-
-
-
-
8*
10
10
10
2.2
-
-
-
-
-
8*
15
15
20
3.3
-
-
-
-
-
10*
15
15
28*
50†
4.7
-
-
-
-
12*
19
20
23
23
35
10
-
-
-
20*
25
28
30
34
34
50
15
-
16*
-
-
-
-
-
-
-
22
19*
21*
31
35
39
52
54
58
120†
70
120
33
26
39
43
57
63
60
130†
65†
85
160
190
47
34
47
59
68
68
70
165†
90
170
330
68
52
63
66
75
80
110
120
-
-
100
61
71
76
86
200†
91
130† 130
200
280
-
150
74
78
88
135
200
220
-
-
560
220
82
95
150
250† 150
250
270
320
410
-
330
80
150
300† 280
280
310
340
520
-
-
470
150
300
300
330
430
590
925
700
-
680
-
300
-
450
-
610
-
-
-
1000 330
330
450
-
660
-
940
-
-
1500
-
450
-
710
-
1060
-
-
-
2200
-
-
730
-
1150
-
-
-
-
3300
-
750
-
1200
-
-
-
-
-
4700
-
-
1200
-
-
-
-
-
-
6800
-
1330
-
-
-
-
-
-
-
Cap
(
µF)
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
-
1660 1660
-
0.22
-
-
-
-
-
-
754
754
-
0.33
-
-
-
-
-
-
503
503
-
0.47
-
-
-
-
-
-
353
353
-
1.0
-
-
-
-
-
-
166
166
166
2.2
-
-
-
-
-
90.4 75.4 75.4 75.4
3.3
-
-
-
-
-
60.3 50.3 50.3 50.3
90.4†
4.7
-
-
-
-
49.4 42.3 35.3 35.3 35.3
10
-
-
-
26.5 23.2 19.9 16.6 16.6 16.6
15
-
33.1
-
-
-
-
-
-
-
22
30.1 26.5*
18.1 15.1 12.1 10.6 9,05
7.54
9.05† 7.54 7.54
33
17.6 12.6 10.1 8.04 7.04 6.04
7.04†
5.03
6.04† 6.04 5.03
47
12.4 8.47 7.06 5.65 4.95 4.24
4.95† 3.53 4.24 3.53
68
8.54 5.86 4.88 3.91 3.42 2.93 2.44
-
-
100
5.80 3.98 3.32 2.66
3.32†
2.32
2.66† 1.99 1.99 1.99
-
150
3.87 2.66 2.21 1.77 1.55 1.33
-
-
1.11
220
2.64 1.96 1.51
1.99† 1.21 1.21 1.06 0.91 0.91
-
330
1.76 1.31
1.76† 1.21 1.01 0.81 0.71 0.60
-
-
470
1.42 1.06 0.85 0.71 0.57 0.49 0.43 0.43
-
680
-
0.59
-
0.49
-
0.34
-
-
-
1000 0.67 0.50 0.40
-
0.27
-
0.20
-
-
1500
-
0.35
-
0.24
-
0.17
-
-
-
2200
-
-
0.24
-
0.14
-
-
-
-
3300
-
0.17
-
0.12
-
-
-
-
-
4700
-
-
0.13
-
-
-
-
-
-
6800
-
0.10
-
-
-
-
-
-
-
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Hz
100<f<1K
1K<f<10K
10K< f<100K
f >100K
C<4.7µF
1.0
1.3
1.5
2.0
4.7µF<C<33µF
1.0
1.2
1.3
1.45
C>33µF
1.0
1.1
1.2
1.3


Similar Part No. - NACE470M16V6.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEN NIC-NACEN Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K104X5.5TR13F NIC-NACEN100K104X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K105X5.5TR13F NIC-NACEN100K105X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K106.3X5.5TR13F NIC-NACEN100K106.3X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACEN100K164X5.5TR13F NIC-NACEN100K164X5.5TR13F Datasheet
108Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACE470M16V6.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com