Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2031M05-T1-A Datasheet(PDF) 9 Page - California Eastern Labs

Part # NESG2031M05-T1-A
Description  NPN SiGe HIGH FREQUENCY TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG2031M05-T1-A Datasheet(HTML) 9 Page - California Eastern Labs

Back Button NESG2031M05-T1-A Datasheet HTML 5Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 6Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 7Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 8Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 9Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 10Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 11Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 12Page - California Eastern Labs NESG2031M05-T1-A Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TYPICAL SCATTERING PARAMETERS (TA= 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NESG2031M05
VC = 2 V, IC = 5 mA
0.200
0.905
-17.55
13.476
166.44
0.015
75.48
0.961
-12.14
0.109
29.62
0.400
0.883
-35.30
12.930
153.01
0.027
67.20
0.917
-22.40
0.114
26.77
0.600
0.800
-50.74
11.773
139.58
0.036
57.16
0.838
-29.39
0.260
25.09
0.800
0.747
-65.74
10.912
128.86
0.044
50.21
0.774
-36.45
0.312
23.91
1.000
0.700
-79.13
10.032
119.48
0.050
44.20
0.717
-42.55
0.364
22.98
1.200
0.651
-91.64
9.211
110.79
0.055
39.35
0.668
-47.96
0.421
22.20
1.400
0.605
-103.05
8.432
102.94
0.059
34.88
0.624
-52.70
0.487
21.55
1.600
0.569
-114.06
7.754
95.75
0.062
31.30
0.586
-57.00
0.544
20.94
1.800
0.544
-123.33
7.158
89.32
0.065
28.57
0.557
-60.70
0.597
20.44
1.900
0.525
-128.19
6.874
86.26
0.066
27.02
0.542
-62.68
0.632
20.20
2.000
0.515
-132.91
6.638
83.05
0.067
25.54
0.529
-64.60
0.657
19.96
2.100
0.504
-137.65
6.391
80.23
0.068
24.56
0.517
-66.48
0.683
19.73
2.200
0.499
-141.94
6.159
77.36
0.069
23.62
0.508
-68.03
0.701
19.49
2.300
0.487
-145.95
5.948
74.61
0.070
22.54
0.496
-69.64
0.737
19.31
2.400
0.476
-150.04
5.744
71.95
0.071
21.41
0.488
-71.29
0.765
19.10
2.500
0.470
-154.38
5.553
69.39
0.072
20.20
0.481
-73.07
0.787
18.90
2.600
0.465
-158.84
5.379
66.64
0.073
19.38
0.474
-74.39
0.805
18.69
2.700
0.459
-162.43
5.214
64.24
0.073
18.80
0.468
-76.05
0.828
18.51
2.800
0.454
-166.08
5.060
61.68
0.074
18.02
0.462
-77.35
0.851
18.34
2.900
0.447
-170.06
4.915
59.28
0.075
17.16
0.456
-79.07
0.878
18.18
3.000
0.444
-173.81
4.761
57.03
0.076
15.82
0.453
-80.50
0.895
17.98
3.200
0.438
178.47
4.501
52.30
0.078
14.90
0.444
-83.07
0.932
17.64
3.400
0.428
171.27
4.273
47.78
0.079
13.32
0.440
-85.90
0.974
17.33
3.600
0.427
163.98
4.057
43.37
0.081
11.88
0.434
-88.27
1.003
16.66
3.800
0.423
157.49
3.872
39.01
0.082
11.04
0.430
-90.93
1.033
15.60
4.000
0.422
149.92
3.698
34.77
0.085
9.18
0.428
-93.39
1.055
14.98
4.200
0.426
143.92
3.541
30.51
0.087
8.09
0.426
-96.22
1.066
14.54
4.400
0.420
137.30
3.394
26.35
0.088
6.73
0.427
-98.70
1.096
13.97
4.600
0.428
130.50
3.262
22.21
0.091
4.94
0.422
-101.17
1.103
13.61
4.800
0.430
125.03
3.136
18.13
0.093
4.19
0.423
-103.93
1.115
13.23
5.000
0.434
118.39
3.023
14.16
0.094
2.32
0.423
-106.12
1.131
12.86
5.200
0.445
112.90
2.915
10.11
0.097
0.88
0.422
-108.86
1.117
12.68
5.400
0.445
107.35
2.823
6.11
0.099
-0.22
0.423
-111.50
1.133
12.34
5.600
0.456
101.71
2.727
2.18
0.102
-2.52
0.423
-114.31
1.123
12.15
5.800
0.461
96.57
2.643
-1.88
0.104
-3.64
0.421
-117.30
1.129
11.87
6.000
0.467
90.38
2.564
-5.81
0.106
-5.93
0.419
-119.34
1.136
11.60
7.000
0.515
69.13
2.189
-24.90
0.118
-14.29
0.414
-135.23
1.120
10.59
8.000
0.557
48.59
1.912
-43.02
0.129
-23.38
0.403
-148.98
1.113
9.68
9.000
0.603
28.65
1.706
-61.61
0.143
-33.62
0.392
-164.98
1.048
9.43
10.000
0.658
9.89
1.525
-80.10
0.154
-44.64
0.382
177.36
0.981
9.96
11.000
0.711
-6.46
1.363
-98.43
0.163
-56.19
0.363
158.46
0.926
9.23
12.000
0.755
-21.02
1.228
-116.23
0.172
-68.02
0.339
141.23
0.863
8.54
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
50
10
25
100
S22
S11
+90º
+135º
-135º
-90º
-45º
+45º
+0º
.2
.4
.8
.6
1
+180º
S12
S21
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG = |S21|
|S12|
K - 1
).
2
(K
= S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG = |S21|
|S12|
, K = 1 + | ∆ | - |S11| - |S22|
2
2
2
2 |S12 S21|
,
NESG2031M05


Similar Part No. - NESG2031M05-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG2031M05-T1-A RENESAS-NESG2031M05-T1-A Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
More results

Similar Description - NESG2031M05-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2101M05 CEL-NESG2101M05 Datasheet
580Kb / 15P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 CEL-NESG3031M14 Datasheet
551Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2101M16 CEL-NESG2101M16 Datasheet
227Kb / 3P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com