Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D64AKQJ-75 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MH32D64AKQJ-75
Description  2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH32D64AKQJ-75 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MH32D64AKQJ-75,-10
2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0422-0.0
17.May.2001
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
4
PIN FUNCTION
CK0-2,/CK0-2
Input
Clock: CK0-2 and /CK0-2 are diff erential clock inputs. All address and control
input signals are sampled on the crossing of the positiv e edge of CK0-2 and
negativ e edge of /CK0-2. Output (read) data is ref erenced to the crossings of
CK0-2 and /CK0-2 (both directions of c rossing).
CKE0-1
Input
Clock Enable: CKE0-1 controls internal clock. When CKE0-1 is low, internal
clock f or the f ollowing cyc le is ceased. CKE0-1 is also used to select auto /
self ref resh. After self ref resh mode is started, CKE0-1 becomes
asy nchronous input. Self ref resh is maintained as long as CKE0-1 is low.
/S0-1
Input
Chip Select: When /S0-1 is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-12
Input
A0-11 specify the Row / Column Address in conjunction with BA0,1. The Row
Address is specif ied by A0-12. The Column Address is specif ied by A0-8.
A10 is also used to indicate precharge option. When A10 is high at a read / write
command, an auto precharge is perf ormed. When A10 is high at a precharge
command, all banks are precharged.
BA0-1
Input
DQ 0-64
Input / Output
DQS0-7
Vdd, Vss
Power Supply
Power Supply for the memory array and peripheral circuitry.
Bank Address: BA0-1 specif ies one of f our banks in SDRAM to which a command
is applied. BA0-1 must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned with read
data, centered in write data. Used to capture write data.
SYMBOL
TYPE
DESCRIPTION
Input
Vref
Input
SSTL_2 reference voltage.
Vddspd
Power Supply
Power Supply for SPD
SDA
Input / Output
This is a bidirectional pin used to transf er data into or out of the SPD EEPROM.
A resistor must be connected to Vdd to act as a pullup.
SCL
Input / Output
This signal is used to clock data into and out of the SPD EEPROM. A resistor
may be connected f rom the SCL to Vdd to act as a pullup.
SA0-2
Address pins used to select the Serial Presence Detect.
Input
DM0-7
Input / Output
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM0-7 is
sampled HIGH along with that input data during a WRITE access. DM0-7 is sampled on both
edges of DQS0-7. Although DM pins are input only, the DM0-7 loading matches the DQ0-63 and
DQS0-7 loading.
VddID
Vdd identif ication f lag
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MH32D64KQH-752 147 483 648-BIT 33 554 432-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLA-102 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLB-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72KLH-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH8D64AKQC-75536 870 912-BIT 8 388 608-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH16D64AKQC-751 073 741 824-BIT 16 777 216-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64D64AKQH-754 294 967 296-BIT 67 108 864-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH16D72AKLB-101 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH28D72KLG-759 663 676 416-BIT 134 217 728-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32S64APHB-62 147 483 648-BIT 33 554 432 - WORD BY 64-BIT Synchronous DRAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn