Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE76100 Datasheet(PDF) 2 Page - NEC

Part # NE76100
Description  GENERAL PURPOSE GaAs MESFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76100 Datasheet(HTML) 2 Page - NEC

  NE76100_99 Datasheet HTML 1Page - NEC NE76100_99 Datasheet HTML 2Page - NEC NE76100_99 Datasheet HTML 3Page - NEC NE76100_99 Datasheet HTML 4Page - NEC NE76100_99 Datasheet HTML 5Page - NEC NE76100_99 Datasheet HTML 6Page - NEC NE76100_99 Datasheet HTML 7Page - NEC NE76100_99 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1.0
0.55
18.0
0.90
16
0.50
2.0
0.60
15.0
0.82
34
0.48
4.0
0.80
12.0
0.70
65
0.45
6.0
1.15
10.0
0.60
95
0.39
8.0
1.60
8.5
0.52
122
0.38
10.0
2.10
7.5
0.50
150
0.32
12.0
2.60
7.0
0.50
171
0.27
VGS
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
1
23
4
100
80
60
40
20
0
5
NE76100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
5
VGD
Gate to Drain Voltage
V
-6
VGS
Gate to Source Voltage
V
-5
IDS
Drain Current
mA
IDSS
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
PT2
Total Power Dissipation
mW
350
Notes:
1. Operation in excess of anyone of these parameters may result in
permanent damage.
2. Mounted on an infinite heat sink.
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (
°C)
Drain Current, IDS (mA)
Drain Current, IDS (mA)
Includes effects from wirebonds. See S-Parameter data for details.
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 3 V, IDS = 10 mA
NOISE FIGURE AND ASSOCIATED
GAIN vs. DRAIN CURRENT
VDS = 3 V, f = 4 GHz
TRANSCONDUCTANCE vs.
DRAIN CURRENT VDS = 3 V
Drain to Source Voltage, VDS (V)
Infinite
Heat sink
0
25
50
75
100
125
150
175
200
400
350
300
250
200
150
100
50
0
2.5
2
1.5
1
0.5
0
10
20
30
40
50
60
15
14
13
12
11
10
9
8
7
GA
NF
75
60
45
30
15
0
0
20
40
60
80
100


Similar Part No. - NE76100_99

ManufacturerPart #DatasheetDescription
logo
NEC
NE76100 NEC-NE76100 Datasheet
65Kb / 10P
   GENERAL PURPOSE FET N-CHANNEL GaAs MES FET
More results

Similar Description - NE76100_99

ManufacturerPart #DatasheetDescription
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com