Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBTA14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBTA14
Description  NPN Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTA14 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBTA14 Datasheet HTML 1Page - NXP Semiconductors PMBTA14 Datasheet HTML 2Page - NXP Semiconductors PMBTA14 Datasheet HTML 3Page - NXP Semiconductors PMBTA14 Datasheet HTML 4Page - NXP Semiconductors PMBTA14 Datasheet HTML 5Page - NXP Semiconductors PMBTA14 Datasheet HTML 6Page - NXP Semiconductors PMBTA14 Datasheet HTML 7Page - NXP Semiconductors PMBTA14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 29
2
Philips Semiconductors
Product specification
NPN Darlington transistors
PMBTA13; PMBTA14
FEATURES
• High current (max. 500 mA)
• Low voltage (max. 30 V)
• High DC current gain (min. 10000).
APPLICATIONS
• High input impedance preamplifiers.
DESCRIPTION
NPN Darlington transistor in a SOT23 plastic package.
PNP complement: PMBTA64.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
TYPE NUMBER
MARKING CODE(1)
PMBTA13
∗1M
PMBTA14
∗1N
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
MAM298
13
2
1
3
2
TR2
TR1
Top view
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
30
V
VCES
collector-emitter voltage
VBE =0
30
V
VEBO
emitter-base voltage
open collector
10
V
IC
collector current (DC)
500
mA
ICM
peak collector current
800
mA
IB
base current (DC)
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PMBTA14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA14 NXP-PMBTA14 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
logo
Nexperia B.V. All right...
PMBTA14 NEXPERIA-PMBTA14 Datasheet
290Kb / 8P
   NPN Darlington transistors
2004 Jan 22
More results

Similar Description - PMBTA14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
NXP Semiconductors
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com