Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE55410GR Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE55410GR
Description  N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE55410GR Datasheet(HTML) 5 Page - California Eastern Labs

  NE55410GR_07 Datasheet HTML 1Page - California Eastern Labs NE55410GR_07 Datasheet HTML 2Page - California Eastern Labs NE55410GR_07 Datasheet HTML 3Page - California Eastern Labs NE55410GR_07 Datasheet HTML 4Page - California Eastern Labs NE55410GR_07 Datasheet HTML 5Page - California Eastern Labs NE55410GR_07 Datasheet HTML 6Page - California Eastern Labs NE55410GR_07 Datasheet HTML 7Page - California Eastern Labs NE55410GR_07 Datasheet HTML 8Page - California Eastern Labs NE55410GR_07 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TYPICAL CHARACTERISTICS (TA =+25 C, VDS =28V,IDset = 120 mA, unless otherwise specified)
Output Power Pout (dBm)
–10
–30
–40
–60
–50
–70
25
15
20
35
40
45
2 tones Output Power Pout (dBm)
IM3/IM5 vs. 2 TONES OUTPUT POWER
IM3
Lower
Upper
–20
30
IM5
CW, f = 960 MHz,
1 MHz Spacing
–20
–35
–45
–60
–55
–70
25
15
20
35
40
45
2 tones Output Power Pout (dBm)
IM3/IM5, DRAIN EFFICIENCY,
vs. 2 TONES OUTPUT POWER
IM3
–25
30
IM5
–30
–40
–50
–65
Lower
Upper
d
100
70
50
20
30
0
90
80
60
40
10
W-CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping,
Center Frequency 2.14GHz,
15 MHz spacing
vs. OUTPUT POWER
GAIN, DRAIN EFFICIENCY,
Output Power Pout (dBm)
vs. OUTPUT POWER
GAIN, DRAIN EFFICIENCY,
36
30
32
22
24
26
28
20
20
25
30
35
40
45
G
d
34
80
50
60
10
20
30
40
0
70
f = 840 MHz
860 MHz
880 MHz
900 MHz
920 MHz
30
24
26
16
18
20
22
14
20
25
30
35
40
45
G
d
28
80
50
60
10
20
30
40
0
70
f = 2.09 GHz
2.11 GHz
2.14 GHz
2.17 GHz
2.19 GHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10542EJ03V0DS
5
NE55410GR


Similar Part No. - NE55410GR_07

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE55410GR-T3-AZ CEL-NE55410GR-T3-AZ Datasheet
558Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR-T3-AZ NEC-NE55410GR-T3-AZ Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
More results

Similar Description - NE55410GR_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE55410GR RENESAS-NE55410GR Datasheet
317Kb / 15P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR NEC-NE55410GR Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
California Eastern Labs
NE55410GR CEL-NE55410GR Datasheet
558Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NES1823S-45 RENESAS-NES1823S-45 Datasheet
239Kb / 10P
   GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET
2004
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
   GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Sanyo Semicon Device
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com