Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-FL682M10V12.5X20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-FL682M10V12.5X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-FL682M10V12.5X20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-FL682M10V12.5X20F Datasheet HTML 1Page - NIC-Components Corp. NRE-FL682M10V12.5X20F Datasheet HTML 2Page - NIC-Components Corp. NRE-FL682M10V12.5X20F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
133
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Miniature Aluminum Electrolytic Capacitors
NRE-FL Series
Rated Voltage Range
6.3 ~ 250VDC
Capacitance Range
0.47 ~ 15,000
µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
0.01CV or 3
µA whichever is greater after 2 minutes
0.04CV+100
µA
(After 1 minute)
0.02CV+25
µA
(After 5 minutes)
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
S.V. (Vdc)
8
13
20
32
44
63
79
125
200
250
300
C < 1,000
µF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
0.12
0.12
0.12
C = 2,200
µF
0.24
0.21
0.18
0.16
0.14
0.12
-----
C = 3,300
µF
0.26
0.23
0.20
0.18
0.16
-
-----
C = 4,700
µF
0.28
0.25
0.22
0.20
-
-
-----
C = 6,800
µF
0.32
0.29
0.26
-
-
-
-----
C = 10,000
µF
0.40
0.37
-
-
-
-
-----
C = 15,000
µF
0.50
-
-
-
-
-
-----
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-20°C/Z+20°C
4
3222222333
Z-40°C/Z+20°C
8
6433333444
Case Size & Voltage
Hours
Load Life Test @ 105°C and Rated Voltage
D
φ <6.3mm, 6.3~10V
4000
∆ Capacitance
Within ±25% of initial measured value (±20% for 160 ~ 250Vdc parts)
D
φ <6.3mm, 16~100V
5000
D
φ 8mm, 6.3~10V
6000
D
φ 8mm, 16~100V
7000
∆ Tan δ
Less than 200% of specified value
D
φ 10mm, 6.3~10V
6000
D
φ 10mm, 16~100V
7000
D
φ 10mm, 160~250V
2000
∆ LC
Less than specified value
D
φ >12.5mm, 6.3~10V
8000
D
φ >12.5mm, 16~100V
10000
D
φ >12.5mm, 160~250V
2000
CHARACTERISTICS
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH VOLTAGE (6.3 ~ 250V)
• LOW IMPEDANCE AT 100KHz
• LONG LIFE AT HIGH TEMPERATURE (UP TO 10,000 HOURS)
PART NUMBER SYSTEM
NRE-FL
101 M 100V 12.5X20 F .
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRE-FL682M10V12.5X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL682M10V16x31.5F NIC-NRE-FL682M10V16x31.5F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL682M10V16x315F NIC-NRE-FL682M10V16x315F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-FL682M10V12.5X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com