Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE34018-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE34018-A
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-A Datasheet(HTML) 1 Page - California Eastern Labs

  NE34018-A Datasheet HTML 1Page - California Eastern Labs NE34018-A Datasheet HTML 2Page - California Eastern Labs NE34018-A Datasheet HTML 3Page - California Eastern Labs NE34018-A Datasheet HTML 4Page - California Eastern Labs NE34018-A Datasheet HTML 5Page - California Eastern Labs NE34018-A Datasheet HTML 6Page - California Eastern Labs NE34018-A Datasheet HTML 7Page - California Eastern Labs NE34018-A Datasheet HTML 8Page - California Eastern Labs NE34018-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PART NUMBER
NE34018
PACKAGE OUTLINE
18
SYMBOL
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF
Noise Figure at VDS = 2 V, ID = 5 mA, f = 2 GHz
dB
0.6
1.0
GA
Associated Gain at VDS = 2 V, ID = 5 mA, f = 2 GHz
dB
14.0
16.0
P1dB
Output Power at 1 dB Gain Compression Point, f = 2 GHz
VDS = 2 V, IDS = 10 mA
dBm
12
VDS = 3 V, IDS = 30 mA
dBm
16.5
G1dB
Gain at P1dB, f = 2 GHz
VDS = 2 V, IDS = 10 mA
dB
17.0
VDS = 3 V, IDS = 30 mA
dB
17.5
O/P IP3
Output IP3 at f = 2 GHz, ∆f = 1 MHz
VDS = 2 V, IDS = 10 mA
dBm
23
VDS = 2 V, IDS = 30 mA
dBm
32
IDSS
Saturated Drain Current at VDS = 2 V, VGS = 0 V
mA
30
80
120
VP
Pinch Off Voltage at VDS = 2 V, ID = 100 µA
V
-2.0
-0.8
-0.2
gm
Transconductance at VDS = 2 V, ID = 5 mA
mS
30
IGSO
Gate to Source Leakage Current at VGS = -3 V
µA
0.5
10
RTH(CH-A)
Thermal Resistance (Channel to Ambient)
˚C/W
833
NE34018
FEATURES
• LOW COST MINIATURE PLASTIC PACKAGE
(SOT-343)
• LOW NOISE FIGURE:
0.6 dB typical at 2 GHz
• HIGH ASSOCIATED GAIN:
16.0 dB typical at 2 GHz
•LG = 0.6 µ
µ
µ
µ
µm, WG = 400 µ
µ
µ
µ
µm
• TAPE & REEL PACKAGING
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 3 V, IDS = 20 mA
California Eastern Laboratories
GaAs HJ-FET L TO S BAND
LOW NOISE AMPLIFIER
(New Plastic Package)
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production
line as a "go-no-go" screening test with the fixture tuned for the "generic" type but not for each specimen.
DESCRIPTION
NEC's NE34018 is a low cost gallium arsenide Hetero-Junc-
tion FET housed in a miniature (SOT-343) plastic surface
mount package. The device is fabricated using ion implanta-
tion for improved RF and DC performance, reliability, and
uniformity. Its low noise figure, high gain, small size and
weight make it an ideal low noise amplifier transistor in the 1-
3 GHz frequency range. The NE34018 is suitable for GPS,
PCS, WLAN, MMDS, and other commercial applications.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
Frequency, f (GHz)
18 Package
SOT-343 Style
0.5
1
2
3
4
5 6 7 8 910
4
3
2
1
0
25
20
15
10
5
0
GA
NF
0.5
1
2
3
4
5 6 7 8 910
4
3
2
1
0
25
20
15
10
5
0


Similar Part No. - NE34018-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - NE34018-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com