Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG111 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # VG111
Description  PCS/UMTS-band Variable Gain Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG111 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  VG111_07 Datasheet HTML 1Page - WJ Communication. Inc. VG111_07 Datasheet HTML 2Page - WJ Communication. Inc. VG111_07 Datasheet HTML 3Page - WJ Communication. Inc. VG111_07 Datasheet HTML 4Page - WJ Communication. Inc. VG111_07 Datasheet HTML 5Page - WJ Communication. Inc. VG111_07 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 6
January 2007
VG111
PCS/UMTS-band Variable Gain Amplifier
Application Circuit: 1.8 – 2.0 GHz (VG111-PCB1900)
• The amplifier is biased through Pin 25 and should be connected directly into a voltage regulator.
• Components shown in the silkscreen but not on the schematic are not used for this circuit.
• Distances are shown from the edge-to-edge for the land pattern.
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Des.
Description
Size
C1, C7
47 pF Chip Capacitor
0603
C2, C5
Do Not Place
C3, C4
0.01
μF Chip Capacitor
0603
C6
0.4 pF Chip Capacitor
0603
L1, L2
22 nH Chip Inductor
0603
R1
100
Ω Chip Resistor
0603
R2
2.2
Ω Chip Resistor
0603
Q1
MMBT2222 Motorola Transistor
SOT-23
U1
VG111 Variable Gain Amplifier
QFN 6x6
OIP3 vs. Output Power
frequency = 1900, 1901 MHz, 0dB Atten.
25
30
35
40
45
-4
0
4
8
12
16
Output Power (dBm)
+25C
-40C
+85C
OIP3 vs. Attenuation Setting
frequency = 1900, 1901 MHz, +10 dBm/tone, +25° C
25
30
35
40
45
0
246
8
10
Attenuation (dB)
ACPR vs. Channel Power
1960 MHz, IS-95, 9 Ch. Forward, ±885 kHz offset, 30 kHz Meas BW, 25°C
-70
-60
-50
-40
10
11
12
13
14
15
16
Output Channel Power (dBm)
0dB Attn
2.5dB Attn
5dB Attn
10dB Attn
Gain vs. Pin 5 Attn. Control Current
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C
Normalized Gain vs. Pin 5 Control Current
0
5
10
15
20
25
30
35
0.1
1.0
10.0
100.0
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C


Similar Part No. - VG111_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG111-F WJCI-VG111-F Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG111-PCB1900 WJCI-VG111-PCB1900 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG111-PCB2100 WJCI-VG111-PCB2100 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
More results

Similar Description - VG111_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG111 WJCI-VG111 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112 Datasheet
277Kb / 4P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
   PCS/UMTS-band Variable Gain Amplifier
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
WJ Communication. Inc.
MH302 WJCI-MH302 Datasheet
103Kb / 3P
   PCS/UMTS-band Quad-FET Mixer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403_15 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com