Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3904 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMBT3904
Description  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBT3904 Datasheet(HTML) 1 Page - NXP Semiconductors

  PMBT3904 Datasheet HTML 1Page - NXP Semiconductors PMBT3904 Datasheet HTML 2Page - NXP Semiconductors PMBT3904 Datasheet HTML 3Page - NXP Semiconductors PMBT3904 Datasheet HTML 4Page - NXP Semiconductors PMBT3904 Datasheet HTML 5Page - NXP Semiconductors PMBT3904 Datasheet HTML 6Page - NXP Semiconductors PMBT3904 Datasheet HTML 7Page - NXP Semiconductors PMBT3904 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 May 20
1999 Apr 27
DISCRETE SEMICONDUCTORS
PMBT3904
NPN switching transistor
book, halfpage
M3D088


Similar Part No. - PMBT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904 NXP-PMBT3904 Datasheet
150Kb / 9P
   NPN switching transistor
2004 Jan 12
PMBT3904 PHILIPS-PMBT3904 Datasheet
150Kb / 9P
   NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
   40 V, 200 mA NPN switching transistor
5 November 2020
logo
NXP Semiconductors
PMBT3904-215 PHILIPS-PMBT3904-215 Datasheet
150Kb / 9P
   NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
   40 V, 200 mA NPN switching transistor
11 January 2023
More results

Similar Description - PMBT3904

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com