Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE856M02 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE856M02
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE856M02 Datasheet(HTML) 4 Page - California Eastern Labs

  NE856M02 Datasheet HTML 1Page - California Eastern Labs NE856M02 Datasheet HTML 2Page - California Eastern Labs NE856M02 Datasheet HTML 3Page - California Eastern Labs NE856M02 Datasheet HTML 4Page - California Eastern Labs NE856M02 Datasheet HTML 5Page - California Eastern Labs NE856M02 Datasheet HTML 6Page - California Eastern Labs NE856M02 Datasheet HTML 7Page - California Eastern Labs NE856M02 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NE856M02
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE856M02
VCE = 3 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
K
MAG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.100
0.626
-67.5
20.474
137.7
0.031
60.2
0.766
-36.6
0.26
28.2
0.200
0.535
-110.6
14.152
115.2
0.044
50.4
0.541
-52.5
0.47
25.1
0.400
0.479
-149.7
7.982
94.8
0.059
50.0
0.366
-63.4
0.77
21.3
0.600
0.465
-168.7
5.464
83.6
0.073
53.3
0.316
-68.4
0.94
18.7
0.800
0.461
178.6
4.146
75.2
0.089
55.6
0.306
-72.9
1.03
15.7
1.000
0.459
168.7
3.339
68.0
0.104
56.7
0.311
-77.1
1.08
13.3
1.200
0.458
160.4
2.800
61.5
0.121
56.9
0.323
-81.0
1.10
11.7
1.400
0.458
152.9
2.415
55.5
0.138
56.7
0.340
-84.8
1.11
10.5
1.600
0.457
146.0
2.127
49.9
0.155
55.8
0.358
-88.1
1.10
9.4
1.800
0.458
139.5
1.905
44.6
0.171
54.8
0.376
-91.4
1.10
8.6
2.000
0.457
133.2
1.728
39.5
0.188
53.5
0.394
-94.3
1.08
7.9
2.200
0.457
127.0
1.582
34.7
0.205
51.9
0.412
-97.1
1.07
7.2
2.400
0.458
121.2
1.464
30.2
0.222
50.2
0.428
-99.7
1.05
6.8
2.600
0.459
115.4
1.363
26.0
0.239
48.6
0.442
-102.2
1.04
6.3
2.800
0.460
109.7
1.278
21.9
0.256
46.6
0.455
-104.8
1.02
6.0
3.000
0.462
103.9
1.204
17.9
0.272
44.5
0.466
-107.4
1.01
5.7
0
j10
j25
j50
j100
-j10
-j25
-j50
-j100
S22
3 GHz
S22
0.1 GHz
S11
3 GHz
S11
0.1 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
S21
3 GHz
S21
0.1 GHz
S12
3 GHz
S12
0.1 GHz
Note:
1. Gain Calculation:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Coordinates in Ohms
Frequency in GHz
VCE = 3 V, IC = 10 mA


Similar Part No. - NE856M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02-T1 NEC-NE856M02-T1 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results

Similar Description - NE856M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com