Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBFJ308 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMBFJ308
Description  N-channel silicon field-effect transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBFJ308 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMBFJ308 Datasheet HTML 4Page - NXP Semiconductors PMBFJ308 Datasheet HTML 5Page - NXP Semiconductors PMBFJ308 Datasheet HTML 6Page - NXP Semiconductors PMBFJ308 Datasheet HTML 7Page - NXP Semiconductors PMBFJ308 Datasheet HTML 8Page - NXP Semiconductors PMBFJ308 Datasheet HTML 9Page - NXP Semiconductors PMBFJ308 Datasheet HTML 10Page - NXP Semiconductors PMBFJ308 Datasheet HTML 11Page - NXP Semiconductors PMBFJ308 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1996 Sep 11
9
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
PMBFJ308; PMBFJ309;
PMBFJ310
Fig.16 Gate current as a function of drain-gate voltage; typical values.
Tj =25 °C.
handbook, full pagewidth
02
IG
(pA)
4
6
8
10
12
14
VDG (V)
16
−104
−103
−102
−10
−1
−10−1
MCD230
ID = 10 mA
1 mA
100
µA
IGSS
Fig.17 Gate current as a function of junction temperature; typical values.
handbook, full pagewidth
−25
0
IGSS
(pA)
25
50
75
100
125
150
Tj (
oC)
175
104
103
102
10
1
10−1
MCD231


Similar Part No. - PMBFJ308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ308 NXP-PMBFJ308 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - PMBFJ308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com