Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBFJ210 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBFJ210
Description  N-channel field-effect transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBFJ210 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBFJ210 Datasheet HTML 1Page - NXP Semiconductors PMBFJ210 Datasheet HTML 2Page - NXP Semiconductors PMBFJ210 Datasheet HTML 3Page - NXP Semiconductors PMBFJ210 Datasheet HTML 4Page - NXP Semiconductors PMBFJ210 Datasheet HTML 5Page - NXP Semiconductors PMBFJ210 Datasheet HTML 6Page - NXP Semiconductors PMBFJ210 Datasheet HTML 7Page - NXP Semiconductors PMBFJ210 Datasheet HTML 8Page - NXP Semiconductors PMBFJ210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Dec 01
5
Philips Semiconductors
Product specification
N-channel field-effect transistors
PMBFJ210; PMBFJ211; PMBFJ212
Fig.2
Drain current as a function of gate-source
cut-off voltage; typical values.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
0
−2
−4
−6
40
30
10
0
20
MGM277
IDSS
(mA)
VGSoff (V)
Fig.3
Common-source transfer admittance as a
function of gate-source cut-off voltage;
typical values.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
0
−2
−4
−6
12
0
4
8
MGM278
VGSoff (V)
yfs
(mS)
Fig.4
Common-source output conductance as a
function of gate-source cut-off voltage;
typical values.
VDS = 15 V; Tamb =25 °C.
handbook, halfpage
0
−2
−4
−6
80
60
20
0
40
MGM279
gos
(
µS)
VGSoff (V)
Fig.5 Output characteristics; typical values.
PMBFJ210.
Tj =25 °C.
handbook, halfpage
010
8
6
2
0
4
2
468
MGM280
ID
(mA)
VDS (V)
VGS = 0 V
−200 mV
−400 mV
−600 mV
−800 mV
−1 V
−1.4 V
−1.2 V


Similar Part No. - PMBFJ210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
PMBFJ108 NXP-PMBFJ108 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
PMBFJ109 PHILIPS-PMBFJ109 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
PMBFJ109 NXP-PMBFJ109 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
PMBFJ110 PHILIPS-PMBFJ110 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
More results

Similar Description - PMBFJ210

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
   N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
   N-channel field-effect transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
   N-Channel Field Effect Transistors
logo
NXP Semiconductors
PMBF5484 PHILIPS-PMBF5484 Datasheet
96Kb / 10P
   N-channel field-effect transistors
April 1995
BFR30 PHILIPS-BFR30 Datasheet
93Kb / 12P
   N-channel field-effect transistors
1997 Dec 05
J210 PHILIPS-J210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
List of Unclassifed Man...
SO4393 ETC1-SO4393 Datasheet
33Kb / 1P
   N CHANNEL FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com