Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE664M04-T2-A Datasheet(PDF) 8 Page - California Eastern Labs

Part # NE664M04-T2-A
Description  MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE664M04-T2-A Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NE664M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 9Page - California Eastern Labs NE664M04-T2-A Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE664M04
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE664M04
VC = 2 V, IC = 100 mA
0.50
0.808
177.3
9.415
90.1
0.027
50.0
0.652
-167.8
0.87
25.50
1.00
0.812
167.0
4.762
77.9
0.046
62.1
0.650
176.3
1.04
18.88
1.50
0.819
158.7
3.176
68.6
0.065
57.6
0.657
166.5
1.07
15.33
2.00
0.822
151.3
2.387
60.0
0.083
53.6
0.662
158.5
1.08
12.85
2.50
0.830
143.8
1.925
51.6
0.106
48.0
0.666
151.4
1.06
11.12
3.00
0.831
137.2
1.616
43.8
0.123
43.3
0.670
144.1
1.07
9.60
3.50
0.834
129.9
1.410
36.0
0.140
37.1
0.669
137.0
1.07
8.45
4.00
0.837
122.8
1.256
27.7
0.159
30.9
0.672
129.3
1.06
7.52
4.50
0.836
115.1
1.138
19.7
0.175
25.2
0.680
121.7
1.06
6.61
5.00
0.843
107.7
1.035
12.1
0.188
18.1
0.691
114.7
1.06
5.96
5.50
0.843
100.1
0.945
4.4
0.197
11.6
0.701
108.2
1.06
5.25
6.00
0.851
93.1
0.868
- 2.5
0.207
6.4
0.715
101.9
1.06
4.71
6.50
0.857
86.5
0.800
- 9.0
0.212
- 0.2
0.731
95.8
1.06
4.23
7.00
0.865
80.8
0.742
- 15.3
0.222
- 4.7
0.745
90.2
1.06
3.80
7.50
0.866
75.4
0.688
- 21.2
0.225
- 10.8
0.751
84.5
1.07
3.29
8.00
0.874
70.6
0.641
- 26.6
0.225
- 15.7
0.761
78.7
1.07
2.94
8.50
0.883
66.5
0.591
- 32.4
0.227
- 19.8
0.772
72.4
1.07
2.56
9.00
0.891
62.6
0.551
- 37.1
0.231
- 25.9
0.774
66.3
1.06
2.24
9.50
0.900
59.2
0.517
- 43.0
0.221
- 30.6
0.788
60.8
1.06
2.17
10.00
0.902
55.6
0.491
- 47.2
0.226
- 34.5
0.796
54.7
1.07
1.80
10.50
0.914
51.8
0.456
- 52.1
0.219
- 39.4
0.805
49.5
1.06
1.69
11.00
0.918
48.1
0.435
- 56.2
0.219
- 43.8
0.810
45.5
1.05
1.54
11.50
0.917
44.1
0.419
- 60.1
0.219
- 47.4
0.822
41.9
1.06
1.31
12.00
0.917
39.7
0.413
- 63.7
0.229
- 50.6
0.822
38.8
1.05
1.13
j50
j25
j10
0
10
25
-j10
-j25
-j50
-j100
j100
0
50
100
0
S22
S11
0.200 to 12.000GHz by 0.100
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0.200 to 12.000GHz by 0.100


Similar Part No. - NE664M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE664M04-T2 NEC-NE664M04-T2 Datasheet
128Kb / 9P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE664M04-T2-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE678M04 NEC-NE678M04 Datasheet
62Kb / 7P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com