Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH2M365CXJ-5 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH2M365CXJ-5
Description  HYPER PAGE MODE 75497472-BIT ( 2097152-WORD BY 36-BIT ) DYNAMIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH2M365CXJ-5 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH2M365CXJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MITSUBISHI
ELECTRIC
HYPER PAGE MODE 75497472-BIT ( 2097152-WORD BY 36-BIT ) DYNAMIC RAM
MITSUBISHI LSIs
MH2M365CXJ/CNXJ-5,-6,-7
21/Feb./1997
(
/ 15 )
MIT-DS-0083-1.2
72pin single in-line package
Single 5.0V ± 10% supply
Low stand-by power dissipation
33mW (Max)
CMOS lnput level
Low operating power dissipation
MH2M365CXJ/CNXJ- 5
2.69W (Max)
MH2M365CXJ/CNXJ- 6
2.22W (Max)
MH2M365CXJ/CNXJ- 7
1.92W (Max)
Hyper-page mode , RAS-only refresh , CAS before RAS
refresh, Hidden refresh capabilities
All inputs and output directly TTL compatible
1024 refresh cycles every 16.4ms (A0 ~ A9)
DESCRIPTION
FEATURES
Type name
access
time
(max.ns)
RAS
access
time
(max.ns)
CAS
(max.ns)
access
time
Address
time
(min.ns)
Cycle
dissipa-
(typ.mW)
Power
tion
APPLICATION
Main memory unit for computers, Microcomputer memory,
Refresh memory for CRT
50
60
13
15
25
30
90
110
MH2M365CXJ/CNXJ-6
MH2M365CXJ/CNXJ-5
MH2M365CXJ/CNXJ-7
70
20
35
130
1537
1767
2137
The MH2M365CXJ/CNXJ is 2097152-word x 36-bits dynamic
RAM.
This consists of four industry standard 1M x 16 dynamic
RAMs in SOJ and two industry 1M x 4 dyanmic RAMs in SOJ.
The mounting of SOJ on a single in-line package provides any
application where high densities and large quantities of memory
are required. This is a socket-type memory module,suitable for
easy interchange or addition of modules.
1
45.RAS1
PIN CONFIGURATION (TOP VIEW)
[Double side]
- 5
- 6
PD1
PD2
PD3
PD4
Outline 72N9J-C
NC: NO CONNECTION
1.Vss
2.DQ0
3.DQ16
4.DQ1
5.DQ17
6.DQ2
7.DQ18
8.DQ3
11.NC
10.Vcc
11.NC
12.A0
13.A1
14.A2
15.A3
16.A4
17.A5
18.A6
20.DQ4
21.DQ20
22.DQ5
23.DQ21
24.DQ6
25.DQ22
26.DQ7
27.DQ23
28.A7
29.NC
30.Vcc
31.A8
32.A9
39.Vss
46.NC
49.DQ8
50.DQ24
51.DQ9
52.DQ25
53.DQ10
54.DQ26
55.DQ11
56.DQ27
57.DQ12
58.DQ28
59.Vcc
61.DQ13
60.DQ29
62.DQ30
63.DQ14
64.DQ31
65.DQ15
66.NC
67.PD1
68.PD2
69.PD3
70.PD4
71.NC
72.Vss
48.NC
40.CAS0
41.CAS2
42.CAS3
43.CAS1
44.RAS0
34.RAS2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
47.W
NC
NC
NC NC
NC
NC NC
Vss
33.RAS3
19.NC
35.MP2
36.MP0
37.MP1
38.MP3
- 7
NC
NC
Vss
Vss


Similar Part No. - MH2M365CXJ-5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
   MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
logo
ABC Taiwan Electronics ...
MH201210NJL ABC-MH201210NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH201212NJL ABC-MH201212NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH201215NJL ABC-MH201215NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH2M365CXJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH1M365CXJ-5 MITSUBISHI-MH1M365CXJ-5 Datasheet
215Kb / 15P
   HYPER PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
MH32V725BST-5 MITSUBISHI-MH32V725BST-5 Datasheet
135Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V645BWJ-5 MITSUBISHI-MH16V645BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BATJ-5 MITSUBISHI-MH16V7245BATJ-5 Datasheet
152Kb / 23P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com